Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8915TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF8915TRPBF
Description  Dual SO-8 MOSFET for POL converters in desktop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8915TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF8915TRPBF Datasheet HTML 2Page - International Rectifier IRF8915TRPBF Datasheet HTML 3Page - International Rectifier IRF8915TRPBF Datasheet HTML 4Page - International Rectifier IRF8915TRPBF Datasheet HTML 5Page - International Rectifier IRF8915TRPBF Datasheet HTML 6Page - International Rectifier IRF8915TRPBF Datasheet HTML 7Page - International Rectifier IRF8915TRPBF Datasheet HTML 8Page - International Rectifier IRF8915TRPBF Datasheet HTML 9Page - International Rectifier IRF8915TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF8915
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 16. Switching Time Test Circuit
Fig 17. Switching Time Waveforms
Fig 12. On-Resistance vs. Gate Voltage
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 15. Gate Charge Test Circuit
Fig 14. Unclamped Inductive Test Circuit
and Waveform
tp
V(BR)DSS
IAS
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
1
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
10
15
20
25
30
35
40
ID = 8.9A
TJ = 125°C
TJ = 25°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
ID
TOP
2.4A
2.9A
BOTTOM 7.1A


Similar Part No. - IRF8915TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8915 IRF-IRF8915 Datasheet
215Kb / 10P
   HEXFETPower MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
188Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_08 Datasheet
291Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF8915TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GPBF IRF-IRF8910GPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL Halogen-Free
IRF9910PBF IRF-IRF9910PBF_08 Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
logo
Diodes Incorporated
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com