Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010MHX Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5010MHX
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010MHX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5010MHX Datasheet HTML 4Page - Texas Instruments LM5010MHX Datasheet HTML 5Page - Texas Instruments LM5010MHX Datasheet HTML 6Page - Texas Instruments LM5010MHX Datasheet HTML 7Page - Texas Instruments LM5010MHX Datasheet HTML 8Page - Texas Instruments LM5010MHX Datasheet HTML 9Page - Texas Instruments LM5010MHX Datasheet HTML 10Page - Texas Instruments LM5010MHX Datasheet HTML 11Page - Texas Instruments LM5010MHX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
FB
SW
L1
C2
R3
LM5010
R1
R2
V
OUT2
FS =
VOUT
2 x L1 x 1.4 x 1020
RL x (RON)
2
DC =
tON
tON + tOFF
VOUT
VIN
=
FS =
VOUT
1.18 x 10
-10 x R
ON
LM5010
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
Hysteretic Control Circuit Overview
The LM5010 buck DC-DC regulator employs a control scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an internal reference (2.5V). If the FB voltage is below the
reference the buck switch is turned on for a time period determined by the input voltage and a programming
resistor (RON). Following the on-time the switch remains off for 265 ns, or until the FB voltage falls below the
reference, whichever is longer. The buck switch then turns on for another on-time period. Typically when the load
current increases suddenly, the off-times are temporarily at the minimum of 265 ns. Once regulation is
established, the off-time resumes its normal value. The output voltage is set by two external resistors (R1, R2).
The regulated output voltage is calculated as follows:
VOUT = 2.5V x (R1 + R2) / R2
(1)
Output voltage regulation is based on ripple voltage at the feedback input, requiring a minimum amount of ESR
for the output capacitor C2. The LM5010 requires a minimum of 25 mV of ripple voltage at the FB pin. In cases
where the capacitor’s ESR is insufficient additional series resistance may be required (R3 in Typical Application
Circuit and Block Diagram).
When in regulation, the LM5010 operates in continuous conduction mode at heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode current always flows
through the inductor, never reaching zero during the off-time. In this mode the operating frequency remains
relatively constant with load and line variations. The minimum load current for continuous conduction mode is
one-half the inductor’s ripple current amplitude. The approximate operating frequency is calculated as follows:
(2)
The buck switch duty cycle is approximately equal to:
(3)
At low load current, the circuit operates in discontinuous conduction mode, during which the inductor current
ramps up from zero to a peak during the on-time, then ramps back to zero before the end of the off-time. The
next on-time period starts when the voltage at FB falls below the reference - until then the inductor current
remains zero, and the load current is supplied by the output capacitor (C2). In this mode the operating frequency
is lower than in continuous conduction mode, and varies with load current. Conversion efficiency is maintained at
light loads since the switching losses reduce with the reduction in load and frequency. The approximate
discontinuous operating frequency can be calculated as follows:
(4)
where RL = the load resistance.
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor as shown in Figure 9. However, R3 slightly degrades the load regulation.
Figure 9. Low Ripple Output Configuration
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5010


Similar Part No. - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010MHX NSC-LM5010MHX Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010MHX/NOPB TI1-LM5010MHX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com