Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010SD Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5010SD
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010SD Datasheet(HTML) 4 Page - Texas Instruments

  LM5010SD Datasheet HTML 1Page - Texas Instruments LM5010SD Datasheet HTML 2Page - Texas Instruments LM5010SD Datasheet HTML 3Page - Texas Instruments LM5010SD Datasheet HTML 4Page - Texas Instruments LM5010SD Datasheet HTML 5Page - Texas Instruments LM5010SD Datasheet HTML 6Page - Texas Instruments LM5010SD Datasheet HTML 7Page - Texas Instruments LM5010SD Datasheet HTML 8Page - Texas Instruments LM5010SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5010
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, RON = 200kΩ, unless otherwise stated
(1) and (2).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
ITEST = 200 mA
0.35
0.80
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
3.0
4.3
5.0
V
UVLOGD hysteresis
440
mV
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
11.5
µA
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Response time
150
ns
On Timer, RON/SD Pin
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON - 2
On-time
VIN = 75V, RON = 200 kΩ
290
390
490
ns
Shutdown threshold
Voltage at RON/SD rising
0.35
0.65
1.1
V
Threshold hysteresis
Voltage at RON/SD falling
40
mV
Off Timer
tOFF
Off-time
265
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.445
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
1
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient
WSON-10 Package
40
°C/W
HTSSOP-14 Package
40
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5010


Similar Part No. - LM5010SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010SD NSC-LM5010SD Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD/NOPB TI1-LM5010SD/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5010SDX NSC-LM5010SDX Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010SDX TI1-LM5010SDX Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com