Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010SDX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5010SDX
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010SDX Datasheet(HTML) 3 Page - Texas Instruments

  LM5010SDX Datasheet HTML 1Page - Texas Instruments LM5010SDX Datasheet HTML 2Page - Texas Instruments LM5010SDX Datasheet HTML 3Page - Texas Instruments LM5010SDX Datasheet HTML 4Page - Texas Instruments LM5010SDX Datasheet HTML 5Page - Texas Instruments LM5010SDX Datasheet HTML 6Page - Texas Instruments LM5010SDX Datasheet HTML 7Page - Texas Instruments LM5010SDX Datasheet HTML 8Page - Texas Instruments LM5010SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM5010
www.ti.com
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to GND
76V
BST to GND
90V
SW to GND (Steady State)
-1.5V
BST to VCC
76V
BST to SW
14V
VCC to GND
14V
SGND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
VIN to SW
76V
Current Out of ISEN
See Text
All Other Inputs to GND
-0.3 to 7V
ESD Rating, Human Body Model(2)
2kV
Storage Temperature Range
-55°C to +150°C
Lead Temperature (Soldering 4 sec) (3)
260°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
For detailed information on soldering plastic HTSSOP and WSON packages, refer to the Packaging Data Book.
Operating Ratings
(1)
VIN
8V to 75V
Operating Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, RON = 200kΩ, unless otherwise stated
(1) and (2).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Regulator
VCCReg
VCC regulated output
6.6
7
7.4
Volts
VIN - VCC
ICC = 0 mA, FS < 200 kHz,
1.3
V
7.5V
≤ VIN ≤ 8.0V
VCC output impedance (0 mA ≤ ICC ≤ 5 mA)
VIN = 8.0V
140
VIN = 48V
2.5
VCC current limit
(3)
VCC = 0V
10
mA
UVLOVCC VCC under-voltage lockout threshold
VCC increasing
5.8
V
UVLOVCC hysteresis
VCC decreasing
145
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
650
850
µA
IIN shutdown current
RON/SD = 0V
95
200
µA
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(3)
VCC provides bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5010


Similar Part No. - LM5010SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010SDX NSC-LM5010SDX Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010SDX TI1-LM5010SDX Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SDX/NOPB TI1-LM5010SDX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com