Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5021MM-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5021MM-2
Description  LM5021 AC-DC Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021MM-2 Datasheet(HTML) 3 Page - Texas Instruments

  LM5021MM-2 Datasheet HTML 1Page - Texas Instruments LM5021MM-2 Datasheet HTML 2Page - Texas Instruments LM5021MM-2 Datasheet HTML 3Page - Texas Instruments LM5021MM-2 Datasheet HTML 4Page - Texas Instruments LM5021MM-2 Datasheet HTML 5Page - Texas Instruments LM5021MM-2 Datasheet HTML 6Page - Texas Instruments LM5021MM-2 Datasheet HTML 7Page - Texas Instruments LM5021MM-2 Datasheet HTML 8Page - Texas Instruments LM5021MM-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM5021
www.ti.com
SNVS359D – MAY 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 30V
VIN Clamp Continuous Current
5mA
CS to GND
-0.3V to 1.25V
RT to GND
-0.3V to 5.5V
All other pins to GND
-0.3V to 7.0V
ESD Rating (3)
Human Body Model
2kV
Storage Temperature
-65°C to +150°C
Operating Junction Temperature
+150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN Voltage (2)
8V to 30V
Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
After initial turn-on at VIN = 20V.
Electrical Characteristics
(1)
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full Operating Junction
Temperature Range. Unless otherwise specified: VIN = 15V, RT = 44.2KΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
STARTUP CIRCUIT
Start Up Current
Before VCC Enable
18
25
µA
VCC Regulator enable threshold
17
20
23
V
VCC Regulator disable threshold
7.25
V
VIN ESD Clamp voltage
I = 5mA
30
36
40
V
IVIN
Operating supply current
COMP = 0VDC
2.5
3.75
mA
VCC SUPPLY
Controller enable threshold
6.5
7
7.5
V
Controller disable threshold
5.3
5.8
6.3
V
VCC regulated output
No External Load
8
8.5
9
V
VCC dropout voltage (VIN - VCC)
I = 5 mA
1.7
V
VCC regulator current limit
VCC = 7.5V (2)
15
22
mA
SKIP CYCLE MODE COMPARATOR
Skip Cycle mode enable threshold
⅓ [COMP - 1.25V]
75
125
175
mV
Skip Cycle mode hysteresis
5
mV
CURRENT LIMIT
CS limit to OUT delay
CS stepped from 0 to
35
ns
0.6V, time to OUT
transition low, Cload =
0.
CS limit threshold
0.45
0.5
0.55
V
Leading Edge Blanking time
90
ns
CS blanking sinking impedance
35
55
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Device thermal limitations may limit usable range.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5021


Similar Part No. - LM5021MM-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021MM-2 NSC-LM5021MM-2 Datasheet
746Kb / 15P
   AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI1-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI1-LM5021MM-2 Datasheet
1Mb / 24P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
More results

Similar Description - LM5021MM-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021_14 Datasheet
1Mb / 24P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
[Old version datasheet]   LM5021-Q1 AC-DC Current-Mode PWM Controller
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
   AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
   AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com