Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5046SQX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5046SQX
Description  LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046SQX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5046SQX Datasheet HTML 6Page - Texas Instruments LM5046SQX Datasheet HTML 7Page - Texas Instruments LM5046SQX Datasheet HTML 8Page - Texas Instruments LM5046SQX Datasheet HTML 9Page - Texas Instruments LM5046SQX Datasheet HTML 10Page - Texas Instruments LM5046SQX Datasheet HTML 11Page - Texas Instruments LM5046SQX Datasheet HTML 12Page - Texas Instruments LM5046SQX Datasheet HTML 13Page - Texas Instruments LM5046SQX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
HS1
HO1
BST1
LO1
VCC
SR1
SR2
RD1
REF
REF
HS2
HO2
BST2
VCC
RD2
LO2
VOLTAGE
REGULATOR
VCC
UVLO
5V
REFERENCE
LOGIC
OSCILLATOR
DRIVER
LOGIC
VIN
UVLO
OVP
RT
RAMP
SSSR
COMP
CS
SS
RES
AGND
PGND
REF
VCC
0.4V
1.25V
SHUTDOWN
STANDBY
UVLO
HYSTERESIS
20 éA
1.25V
HYSTERESIS
CLK
5V
PWM
1V
5k
1:1
0.75V
+
-
-
+
+
-
+
-
+
-
+
-
HICCUP
MODE
TIMER and
LOGIC
CS
SS
SLOPECOMP
RAMP GENERATOR
SLOPE
DELAY
TIMERS
AND
DRIVER
LOGIC
R
R
SS
SS
Buffer
0 éA
SSOFF
100 éA
20 éA
20 éA
20 éA
30 éA
10 éA
5 éA
5V
THERMAL
LIMIT
(160°C)
S
R
Q
T
Q
Q
HO2
LO2
HO1
LO1
1.0V
CLK + LEB
LM5046
SNVS703G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
Figure 12.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5046


Similar Part No. - LM5046SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5046SQX/NOPB TI1-LM5046SQX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5046SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com