Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7812CT Datasheet(PDF) 5 Page - Texas Instruments

Part # LM7812CT
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7812CT Datasheet(HTML) 5 Page - Texas Instruments

  LM7812CT Datasheet HTML 1Page - Texas Instruments LM7812CT Datasheet HTML 2Page - Texas Instruments LM7812CT Datasheet HTML 3Page - Texas Instruments LM7812CT Datasheet HTML 4Page - Texas Instruments LM7812CT Datasheet HTML 5Page - Texas Instruments LM7812CT Datasheet HTML 6Page - Texas Instruments LM7812CT Datasheet HTML 7Page - Texas Instruments LM7812CT Datasheet HTML 8Page - Texas Instruments LM7812CT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
LM140 Electrical Characteristics
(1)
−55°C ≤ TJ ≤ +150°C unless otherwise specified
Output Voltage
5V
12V
15V
Symb
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
ol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VO
Output Voltage
TJ = 25°C, 5 mA ≤ IO ≤ 1A
4.8
5
5.2
11.5
12
12.5
14.4
15
15.6
V
PD ≤ 15W, 5 mA ≤ IO ≤ 1A
4.75
5.25
11.4
12.6
14.25
15.75
V
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 20)
(15.5
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
ΔVO
Line
IO = 500
TJ = 25°C
3
50
4
120
4
150
mV
Regulation
mA
ΔVIN
(7
≤ VIN ≤ 25)
(14.5
≤ VIN ≤ 30)
(17.5
≤ VIN ≤ 30)
V
−55°C ≤ TJ
50
120
150
mV
+150°C
ΔVIN
(8
≤ VIN ≤ 20)
(15
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
IO ≤ 1A
TJ = 25°C
50
120
150
mV
ΔVIN
(7.5
≤ VIN ≤ 20)
(14.6
≤ VIN ≤ 27)
(17.7
≤ VIN ≤ 30)
V
−55°C ≤ TJ
25
60
75
mV
+150°C
ΔVIN
(8
≤ VIN ≤ 12)
(16
≤ VIN ≤ 22)
(20
≤ VIN ≤ 26)
V
ΔVO
Load
TJ =
5 mA
≤ IO
10
50
12
120
12
150
mV
Regulation
25°C
1.5A
250 mA
≤ IP
25
60
75
mV
750 mA
−55°C ≤ TJ ≤ +150°C,
50
120
150
mV
5 mA
≤ IO ≤ 1A
IQ
Quiescent
IO ≤ 1A
TJ = 25°C
6
6
6
mA
Current
−55°C ≤ TJ
7
7
7
mA
+150°C
ΔIQ
Quiescent
5 mA
≤ IO ≤ 1A
0.5
0.5
0.5
mA
Current
TJ = 25°C, IO ≤ 1A
0.8
0.8
0.8
mA
Change
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 20)
(15
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
IO = 500 mA, −55°C ≤ TJ
0.8
0.8
0.8
mA
+150°C
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 25)
(15
≤ VIN ≤ 30)
(18.5
≤ VIN ≤ 30)
V
VN
Output Noise
TA = 25°C, 10 Hz ≤ f ≤ 100
40
75
90
μV
Voltage
kHz
Ripple
f = 120
IO ≤ 1A, TJ =
68
80
61
72
60
70
dB
Rejection
Hz
25°C or
IO ≤ 500 mA,
68
61
60
dB
−55°C ≤ TJ
≤+150°C
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 18)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
RO
Dropout
TJ = 25°C, IO = 1A
2.0
2.0
2.0
V
Voltage
Output
f = 1 kHz
8
18
19
m
Ω
Resistance
Short-Circuit
TJ = 25°C
2.1
1.5
1.2
A
Current
Peak Output
TJ = 25°C
2.4
2.4
2.4
A
Current
Average TC of
0°C
≤ TJ ≤ +150°C, IO = 5
−0.6
−1.5
−1.8
mV/°C
VOUT
mA
(1)
All characteristics are measured with a 0.22
μF capacitor from input to ground and a 0.1 μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM340-N LM78xx


Similar Part No. - LM7812CT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7812CT NSC-LM7812CT Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
Fairchild Semiconductor
LM7812CT FAIRCHILD-LM7812CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
National Semiconductor ...
LM7812CT NSC-LM7812CT Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Thinki Semiconductor Co...
LM7812CT THINKISEMI-LM7812CT Datasheet
650Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
logo
Fairchild Semiconductor
LM7812CT FAIRCHILD-LM7812CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7812CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com