Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340S-12 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM340S-12
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340S-12 Datasheet(HTML) 1 Page - Texas Instruments

  LM340S-12 Datasheet HTML 1Page - Texas Instruments LM340S-12 Datasheet HTML 2Page - Texas Instruments LM340S-12 Datasheet HTML 3Page - Texas Instruments LM340S-12 Datasheet HTML 4Page - Texas Instruments LM340S-12 Datasheet HTML 5Page - Texas Instruments LM340S-12 Datasheet HTML 6Page - Texas Instruments LM340S-12 Datasheet HTML 7Page - Texas Instruments LM340S-12 Datasheet HTML 8Page - Texas Instruments LM340S-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
LM340-N/LM78XX Series 3-Terminal Positive Regulators
Check for Samples: LM340-N, LM78xx
1
FEATURES
DESCRIPTION
The LM140/LM340A/LM340-N/LM78XXC monolithic
2
Complete Specifications at 1A Load
3-terminal positive voltage regulators employ internal
Output Voltage Tolerances of ±2% at Tj = 25°C
current-limiting, thermal shutdown and safe-area
and ±4% Over the Temperature Range
compensation, making them essentially indestructible.
(LM340A)
If adequate heat sinking is provided, they can deliver
over 1.0A output current. They are intended as fixed
Line Regulation of 0.01% of VOUT/V of ΔVIN at
voltage regulators in a wide range of applications
1A Load (LM340A)
including local (on-card) regulation for elimination of
Load Regulation of 0.3% of VOUT/A (LM340A)
noise and distribution problems associated with
Internal Thermal Overload Protection
single-point regulation. In addition to use as fixed
voltage regulators, these devices can be used with
Internal Short-circuit Current Limit
external components to obtain adjustable output
Output Transistor Safe Area Protection
voltages and currents.
P+ Product Enhancement Tested
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
The 5V, 12V, and 15V regulator options are available
in
the
steel
TO-3
power
package.
The
LM340A/LM340-N/LM78XXC series is available in the
TO-220 plastic power package, and the LM340-N-5.0
is available in the SOT-223 package, as well as the
LM340-5.0 and LM340-12 in the surface-mount
DDPAK/TO-263 package.
Typical Applications
*Required if the regulator is located far from the power supply filter.
**Although no output capacitor is needed for stability, it does help
transient response. (If needed, use 0.1
μF, ceramic disc).
VOUT = 5V + (5V/R1 + IQ) R2 5V/R1 > 3 IQ,
load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM340-5).
Figure 1. Fixed Output Regulator
Figure 2. Adjustable Output Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM340S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM340S-12 NSC-LM340S-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340S-12 TI1-LM340S-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340S-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com