Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340SX-12 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM340SX-12
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340SX-12 Datasheet(HTML) 4 Page - Texas Instruments

  LM340SX-12 Datasheet HTML 1Page - Texas Instruments LM340SX-12 Datasheet HTML 2Page - Texas Instruments LM340SX-12 Datasheet HTML 3Page - Texas Instruments LM340SX-12 Datasheet HTML 4Page - Texas Instruments LM340SX-12 Datasheet HTML 5Page - Texas Instruments LM340SX-12 Datasheet HTML 6Page - Texas Instruments LM340SX-12 Datasheet HTML 7Page - Texas Instruments LM340SX-12 Datasheet HTML 8Page - Texas Instruments LM340SX-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM340-N, LM78xx
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
LM340A Electrical Characteristics
IOUT = 1A, 0°C ≤ TJ ≤ + 125°C (LM340A) unless otherwise specified
(1)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VO
Output
TJ = 25°C
4.9
5
5.1
11.75
12
12.25
14.7
15
15.3
V
Voltage
PD ≤ 15W, 5 mA ≤ IO ≤ 1A
4.8
5.2
11.5
12.5
14.4
15.6
V
VMIN ≤ VIN ≤ VMAX
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
ΔVO
Line
IO = 500 mA
10
18
22
mV
Regulation
ΔVIN
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
TJ = 25°C
3
10
4
18
4
22
mV
ΔVIN
(7.5
≤ VIN ≤ 20)
(14.5
≤ VIN ≤ 27)
(17.5
≤ VIN ≤ 30)
V
TJ = 25°C
4
9
10
mV
Over Temperature
12
30
30
mV
ΔVIN
(8
≤ VIN ≤ 12)
(16
≤ VIN ≤ 22)
(20
≤ VIN ≤ 26)
V
ΔVO
Load
TJ =
5 mA
≤ IO ≤ 1.5A
10
25
12
32
12
35
mV
Regulation
25°C
250 mA
≤ IO
15
19
21
mV
750 mA
Over Temperature,
25
60
75
mV
5 mA
≤ IO ≤ 1A
IQ
Quiescent
TJ = 25°C
6
6
6
mA
Current
Over Temperature
6.5
6.5
6.5
mA
ΔIQ
Quiescent
5 mA
≤ IO ≤ 1A
0.5
0.5
0.5
mA
Current
TJ = 25°C, IO = 1A
0.8
0.8
0.8
mA
Change
VMIN ≤ VIN ≤ VMAX
(7.5
≤ VIN ≤ 20)
(14.8
≤ VIN ≤ 27)
(17.9
≤ VIN ≤ 30)
V
IO = 500 mA
0.8
0.8
0.8
mA
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 25)
(15
≤ VIN ≤ 30)
(17.9
≤ VIN ≤ 30)
V
VN
Output Noise
TA = 25°C, 10 Hz ≤ f ≤ 100
40
75
90
μV
Voltage
kHz
Ripple
TJ = 25°C, f = 120 Hz, IO =
68
80
61
72
60
70
dB
Rejection
1A
or f = 120 Hz, IO = 500 mA,
68
61
60
dB
Over Temperature,
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 18)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
RO
Dropout
TJ = 25°C, IO = 1A
2.0
2.0
2.0
V
Voltage
Output
f = 1 kHz
8
18
19
m
Ω
Resistance
Short-Circuit
TJ = 25°C
2.1
1.5
1.2
A
Current
Peak Output
TJ = 25°C
2.4
2.4
2.4
A
Current
Average TC
Min, TJ = 0°C, IO = 5 mA
−0.6
−1.5
−1.8
mV/°C
of VO
VIN
Input Voltage
TJ = 25°C
Required to
7.5
14.5
17.5
V
Maintain Line
Regulation
(1)
All characteristics are measured with a 0.22
μF capacitor from input to ground and a 0.1 μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM340-N LM78xx


Similar Part No. - LM340SX-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM340SX-12 NSC-LM340SX-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340SX-12 TI1-LM340SX-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340SX-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com