Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22678TJ-5.0 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM22678TJ-5.0
Description  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678TJ-5.0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM22678TJ-5.0 Datasheet HTML 5Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 6Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 7Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 8Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 9Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 10Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 11Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 12Page - Texas Instruments LM22678TJ-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM22678
www.ti.com
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
(4)
The values of TOFF and RDS(ON) are found in the Electrical Characteristics table. The worst case here occurs at
the highest load. In this equation, RL is the D.C. inductor resistance. Of course, the lowest input voltage to the
regulator must not be less than 4.5V (typ.).
Current Limit
The LM22678 has current limiting to prevent the switch current from exceeding safe values during an accidental
overload on the output. This peak current limit is found in the Electrical Characteristics table under the heading of
ICL. The maximum load current that can be provided, before current limit is reached, is determined from the
following equation:
(5)
Where L is the value of the power inductor.
When the LM22678 enters current limit, the output voltage will drop and the peak inductor current will be fixed at
ICL at the end of each cycle. The switching frequency will remain constant while the duty cycle drops. The load
current will not remain constant, but will depend on the severity of the overload and the output voltage.
For very severe overloads ("short-circuit"), the regulator changes to a low frequency current foldback mode of
operation. The frequency foldback is about 1/5 of the nominal switching frequency. This will occur when the
current limit trips before the minimum on-time has elapsed. This mode of operation is used to prevent inductor
current "run-away", and is associated with very low output voltages when in overload. The following equation can
be used to determine what level of output voltage will cause the part to change to low frequency current foldback:
(6)
Where Fsw is the normal switching frequency and Vin is the maximum for the application. If the overload drives
the output voltage to less than or equal to Vx, the part will enter current foldback mode. If a given application can
drive the output voltage to
≤Vx, during an overload, then a second criterion must be checked. The next equation
gives the maximum input voltage, when in this mode, before damage occurs:
(7)
Where Vsc is the value of output voltage during the overload and Fsw is the normal switching frequency. If the
input voltage should exceed this value, while in foldback mode, the regulator and/or the diode may be
damaged. It is important to note that the voltages in these equations are measured at the inductor. Normal trace
and wiring resistance will cause the voltage at the inductor to be higher than that at a remote load. Therefore,
even if the load is shorted with zero volts across its terminals, the inductor will still see a finite voltage. It is this
value that should be used for Vx and Vsc in the calculations. In order to return from foldback mode, the load must
be reduced to a value much lower than that required to initiate foldback. This load "hysteresis" is a normal aspect
of any type of current limit foldback associated with voltage regulators.
The safe operating area, when in short circuit mode, is shown in Figure 13. Operating points below and to the
right of the curve represent safe operation.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM22678


Similar Part No. - LM22678TJ-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22678TJ-5.0 NSC-LM22678TJ-5.0 Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678TJ-5.0 TI1-LM22678TJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678TJ-5.0/NOPB TI-LM22678TJ-5.0/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

Similar Description - LM22678TJ-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com