Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8232SLM Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8232SLM
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8232SLM Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8232SLM Datasheet HTML 1Page - Allegro MicroSystems A8232SLM Datasheet HTML 2Page - Allegro MicroSystems A8232SLM Datasheet HTML 3Page - Allegro MicroSystems A8232SLM Datasheet HTML 4Page - Allegro MicroSystems A8232SLM Datasheet HTML 5Page - Allegro MicroSystems A8232SLM Datasheet HTML 6Page - Allegro MicroSystems A8232SLM Datasheet HTML 7Page - Allegro MicroSystems A8232SLM Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8226 THRU 8233
LOW-DROPOUT
REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2000, Allegro MicroSystems, Inc.
A82xxSLM Maximum Allowable Average Output Current* with device mounted on 2.24" x 2.24"
(56.9 mm x 56.9 mm) solder-coated copper-clad board in still air.
Allowable Total Average (10 ms) Output Current in Milliamperes with T
J = 150°C, Duty Cycle = 100%†
V
I - VO
T
A
1.5
2.0
2.5
3.0
3.5
4.0*
4.5*
25
°C
100
100
100
100
100
100
100
50
°C
100
100
100
100
100
100
100
70
°C
100
100
100
100
100
91
81
85
°C
100
100
100
98
84
74
66
* Absolute maximum peak output current rating is 100 mA; absolute maximum input voltage is 7 V.
† I
O = (TJ – TA)/([VI – VO] R
θJA x dc) = (150 – TA)/([VI – VO] x 220 x 1.00)
Output current rating can be increased (to 100 mA maximum) by additional heat sinking or reducing the duty cycle.
Dwg. FS-012-5B
BIAS
DRIVE
BANDGAP
REF.
ERROR
AMP
IN
ENABLE
OUT
5
4
1
2
GND


Similar Part No. - A8232SLM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8231SLH ALLEGRO-A8231SLH Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
A8233SLH ALLEGRO-A8233SLH Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
MicroPower Direct, LLC
A823ERW MPD-A823ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
logo
TOKO, Inc
A823LY-100K TOKO-A823LY-100K Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
More results

Similar Description - A8232SLM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com