Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT86-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86-Q1
Description  LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LMT86-Q1 Datasheet HTML 1Page - Texas Instruments LMT86-Q1 Datasheet HTML 2Page - Texas Instruments LMT86-Q1 Datasheet HTML 3Page - Texas Instruments LMT86-Q1 Datasheet HTML 4Page - Texas Instruments LMT86-Q1 Datasheet HTML 5Page - Texas Instruments LMT86-Q1 Datasheet HTML 6Page - Texas Instruments LMT86-Q1 Datasheet HTML 7Page - Texas Instruments LMT86-Q1 Datasheet HTML 8Page - Texas Instruments LMT86-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VDD
GND
LMT86, LMT86-Q1
www.ti.com
SNIS169A – MARCH 2013 – REVISED JUNE 2013
PIN DESCRIPTIONS
PIN
LABEL
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NUMBER
VDD
5
Power
Positive Supply Voltage
GND
1
Ground
Power Supply Ground
Outputs a voltage which is inversely proportional to
OUT
3
Analog Output
temperature
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
Supply Voltage
−0.3
6
V
Voltage at Output Pin
−0.3
(VDD + 0.5)
V
Output Current
±7
mA
Input Current at any pin (2)
5
mA
Storage Temperature
−65
150
°C
Maximum Junction Temperature (TJMAX)
150
°C
Human Body Model
2500
V
ESD Susceptibility (3)
Machine Model
250
V
Soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMT86 LMT86-Q1


Similar Part No. - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86-Q1 TI-LMT86-Q1 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI-LMT86-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI1-LMT86-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKRQ1 TI1-LMT87QDCKRQ1 Datasheet
988Kb / 16P
[Old version datasheet]   LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
[Old version datasheet]   LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com