Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT86-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86-Q1
Description  LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LMT86-Q1 Datasheet HTML 1Page - Texas Instruments LMT86-Q1 Datasheet HTML 2Page - Texas Instruments LMT86-Q1 Datasheet HTML 3Page - Texas Instruments LMT86-Q1 Datasheet HTML 4Page - Texas Instruments LMT86-Q1 Datasheet HTML 5Page - Texas Instruments LMT86-Q1 Datasheet HTML 6Page - Texas Instruments LMT86-Q1 Datasheet HTML 7Page - Texas Instruments LMT86-Q1 Datasheet HTML 8Page - Texas Instruments LMT86-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (ºC)
-4
-3
-2
-1
0
1
2
3
4
LMT86, LMT86-Q1
www.ti.com
SNIS169A – MARCH 2013 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS
spacer for second page
Temperature Error vs
Minimum Operating Temperature vs
Temperature
Supply Voltage
Figure 2.
Figure 3.
Supply Current vs
Supply Current vs
Temperature
Supply Voltage
Figure 4.
Figure 5.
Load Regulation, Sourcing Current
Load Regulation, Sinking Current
Figure 6.
Figure 7.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMT86 LMT86-Q1


Similar Part No. - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86-Q1 TI-LMT86-Q1 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI-LMT86-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86-Q1 TI1-LMT86-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKRQ1 TI1-LMT87QDCKRQ1 Datasheet
988Kb / 16P
[Old version datasheet]   LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
[Old version datasheet]   LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com