Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2249 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2249
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2249 Datasheet HTML 4Page - Monolithic Power Systems MP2249 Datasheet HTML 5Page - Monolithic Power Systems MP2249 Datasheet HTML 6Page - Monolithic Power Systems MP2249 Datasheet HTML 7Page - Monolithic Power Systems MP2249 Datasheet HTML 8Page - Monolithic Power Systems MP2249 Datasheet HTML 9Page - Monolithic Power Systems MP2249 Datasheet HTML 10Page - Monolithic Power Systems MP2249 Datasheet HTML 11Page - Monolithic Power Systems MP2249 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
10
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
PVIN
VIN
R4
75k
L1
2.2uH
R3
150k
C6
22uF
C7
22uF
C8
0.1uF
GND
EN
FB
SW
PG
C5
0.1uF
C4
1uF
R1
100k
R2
100k
C2
10uF
C3
0.1uF
GND
VIN
C1
10uF
4,5
10
9
1
PG
2,3
VOUT
GND
MP2249DQT
6,7,8
Figure 2—Typical application circuit of MP2249DQT
PVIN
R4
75k
L1
2.2uH
R3
150k
C6
22uF
C7
22uF
C8
0.1uF
GND
EN
FB
SW
PG
C5
0.1uF
R1
100k
R2
100k
C2
10uF
C3
0.1uF
GND
VIN
C1
10uF
4
8
7
5,6
1
PG
2,3
VOUT
GND
MP2249DN
Figure 3—Typical application circuit of MP2249DN


Similar Part No. - MP2249

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
251Kb / 5P
   High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2249

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPQ2249 MPS-MPQ2249 Datasheet
342Kb / 14P
   Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
   3A, 1MHz, Synchronous Step-Down Converter
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
   1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
   6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
   2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com