Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2259 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2259
Description  1A, 16V, 1.4MHz Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2259 Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP2259 Datasheet HTML 1Page - Monolithic Power Systems MP2259 Datasheet HTML 2Page - Monolithic Power Systems MP2259 Datasheet HTML 3Page - Monolithic Power Systems MP2259 Datasheet HTML 4Page - Monolithic Power Systems MP2259 Datasheet HTML 5Page - Monolithic Power Systems MP2259 Datasheet HTML 6Page - Monolithic Power Systems MP2259 Datasheet HTML 7Page - Monolithic Power Systems MP2259 Datasheet HTML 8Page - Monolithic Power Systems MP2259 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP2259 – 1A, 16V, 1.4MHz STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2259 Rev. 0.92
www.MonolithicPower.com
9
9/15/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
SOT23-6
0.30
0.50
SEATING PLANE
0.95 BSC
0.90
1.30
1.45 MAX
0.00
0.15
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
13
4
6
0.09
0.20
0.30
0.55
0o-8o
0.25 BSC
GAUGE PLANE
2.60
TYP
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL
AAAA
PIN 1
See Note 7
EXAMPLE
TOP MARK
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING)
SHALL BE0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM
LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)


Similar Part No. - MP2259

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
More results

Similar Description - MP2259

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
   High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
   Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com