Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2960IM-3.3 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2960IM-3.3
Description  LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960IM-3.3 Datasheet(HTML) 3 Page - Texas Instruments

  LP2960IM-3.3 Datasheet HTML 1Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 2Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 3Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 4Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 5Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 6Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 7Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 8Page - Texas Instruments LP2960IM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP2960
www.ti.com
SNVS112C – APRIL 1999 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: CIN = 4.7 μF, VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 10 μF for 5V parts or COUT = 22 μF for 3.3V
parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin, VS/D = 2V.
LP2960AI(1)
LP2960I(1)
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Min
Max
VIN − VO
30
30
IL = 1 mA
12
50
50
250
250
IL = 100 mA
180
350
350
Dropout Voltage(4)
mV
350
350
IL = 200 mA
260
450
450
600
600
IL = 500 mA
470
800
800
IGND
600
600
IL = 1 mA
450
μA
750
750
4.0
4.0
IL = 100 mA
2.6
5.0
5.0
Ground Pin Current(5)
8
8
IL = 200 mA
2.5
mA
10
10
35
35
IL = 500 mA
21
40
40
IGND
Ground Pin Current at
VIN = VO(NOM) − 0.5V
3
3
1.8
mA
Dropout(5)
IL = 100 μA
5
5
Ground Pin Current at
VSD ≤ 1.1V
300
400
400
μA
Shutdown(5)
ILIMIT
1500
1500
Current Limit
RL = 0.5Ω
1000
mA
1600
1600
Thermal Regulation
See(6)
0.05
0.2
0.2
%/W
en
COUT = 10 μF
300
Output Noise Voltage
μV
@ IL = 100 mA
COUT = 47 μF
210
RMS
(10 Hz–100kHz)
COUT = 47 μF
(7)
130
VREF
1.220
1.250
1.210
1.260
Reference Voltage
1.235
V
1.210
1.265
1.195
1.275
Reference Voltage
0.1
0.2
See(8)
0.05
%
Line Regulation
0.30
0.4
Reference Voltage
0.6
1.2
IREF = 0–200 μA
0.45
%
Load Regulation
0.9
1.5
Reference Voltage
See(9)
20
ppm/°C
Temperature Coefficient
IB(FB)
Feedback Pin Bias
−50
−50
−20
nA
Current
−70
−70
(4)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential. At very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be
observed.
(5)
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current,
output load current, and current through the external resistive divider (if used).
(6)
Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load or line regulation
effects. Specifications are for a 400 mA load pulse at VIN = VO(NOM) + 15V (6W pulse) for T = 10 ms.
(7)
Connect a 0.1
μF capacitor from the output to the feedback pin.
(8)
Two separate tests are performed for reference voltage line regulation, one covering 2.5V
≤ VIN ≤ VO(NOM) + 1V and the other test for
VO(NOM) + 1V ≤ VIN ≤ 30V.
(9)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2960


Similar Part No. - LP2960IM-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960IM-3.3 NSC-LP2960IM-3.3 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960IM-3.3/NOPB TI1-LP2960IM-3.3/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960IM-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com