Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3891ES-1.2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891ES-1.2
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891ES-1.2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3891ES-1.2 Datasheet HTML 6Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 7Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 8Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 9Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 10Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 11Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 12Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 13Page - Texas Instruments LP3891ES-1.2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LP3891
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
Figure 19.
θJA vs Copper (1 Ounce) Area for DDPAK/TO-263 Package
As shown in Figure 20, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 20 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 20. Maximum Power Dissipation vs Ambient Temperature for DDPAK/TO-263 Package
HEATSINKING SO PowerPAD PACKAGE
Heatsinking for the SO PowerPAD-8 package is accomplished by allowing heat to flow through the ground slug
on the bottom of the package into the copper on the PC board. The heat slug must be soldered down to a
copper plane to get good heat transfer. It can also be connected through vias to internal copper planes. Since
the heat slug is at ground potential, traces must not be routed under it which are not at ground potential. Under
all possible conditions, the junction temperature must be within the range specified under operating conditions.
Figure 21 shows a curve for the
θJA of the SO PowerPAD package for different copper area sizes using a typical
PCB with one ounce copper in still air.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3891


Similar Part No. - LP3891ES-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3891ES-1.2 NSC-LP3891ES-1.2 Datasheet
307Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear
logo
Texas Instruments
LP3891ES-1.2 TI-LP3891ES-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
LP3891ES-1.2 TI1-LP3891ES-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891ES-1.2/NOPB TI1-LP3891ES-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3891ES-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com