Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38511-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511-ADJ
Description  LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38511-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP38511-ADJ Datasheet HTML 1Page - Texas Instruments LP38511-ADJ Datasheet HTML 2Page - Texas Instruments LP38511-ADJ Datasheet HTML 3Page - Texas Instruments LP38511-ADJ Datasheet HTML 4Page - Texas Instruments LP38511-ADJ Datasheet HTML 5Page - Texas Instruments LP38511-ADJ Datasheet HTML 6Page - Texas Instruments LP38511-ADJ Datasheet HTML 7Page - Texas Instruments LP38511-ADJ Datasheet HTML 8Page - Texas Instruments LP38511-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LP38511-ADJ
www.ti.com
SNVS545D – JANUARY 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
PFM
260°C, 10s
Soldering Temperature(3)
SO PowerPad
260°C, 10s
ESD Rating(4)
±2 kV
Power Dissipation(5)
Internally Limited
Input Pin Voltage (Survival)
-0.3V to +6.0V
Enable Pin Voltage (Survival)
-0.3V to +6.0V
Output Pin Voltage (Survival)
-0.3V to +6.0V
ADJ Pin Voltage (Survival)
-0.3V to +6.0V
IOUT (Survival)
Internally Limited
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the
temperatures and times are for Sn-Pb (STD) only.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-A114.
(5)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA). The typical θJA ratings given are worst case
based on minimum land area on two-layer PCB (EIA/JESD51-3). See POWER DISSIPATION/HEAT-SINKING for details.
Operating Ratings
(1)
Input Supply Voltage, VIN
2.25V to 5.5V
Output Voltage, VOUT
VADJ to 5V
Enable Input Voltage, VEN
0.0V to 5.5V
Output Current (DC)
1 mA to 800 mA
Junction Temperature(2)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA). The typical θJA ratings given are worst case
based on minimum land area on two-layer PCB (EIA/JESD51-3). See POWER DISSIPATION/HEAT-SINKING for details.
Electrical Characteristics
Unless otherwise specified: VIN= 2.50V, VOUT= VADJ, IOUT= 10 mA, CIN= 10 µF, COUT= 10 µF, VEN= 2.0V. Limits in standard
type are for TJ= 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C.
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ= 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2.25V
≤ VIN ≤ 5.5V
495.0
505.0
VADJ
VADJ Accuracy
(1)
500.
mV
10 mA
≤ IOUT ≤ 800 mA
490.0
510.0
IADJ
ADJ Pin Bias Current
2.25V
≤ VIN ≤ 5.5V
-
1
-
nA
0.03
ΔVADJ/ΔVIN
VADJ Line Regulation
(2) (1)
2.25V
≤ VIN ≤ 5.5V
-
-
%/V
0.06
0.10
ΔVADJ/ΔIOUT
VADJ Load Regulation
(3) (1)
10 mA
≤ IOUT ≤ 800 mA
-
-
%/A
0.20
VDO
Dropout Voltage(4)
IOUT = 800 mA
-
-
260
mV
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the output voltage tolerance specification.
(2)
Line regulation is defined as the change in VADJ from the nominal value due to change in the voltage at the input.
(3)
Load regulation is defined as the change in VADJ from the nominal value due to change in the load current at the output.
(4)
Dropout voltage (VDO) is typically defined as the input to output voltage differential (VIN - VOUT) where the input voltage is low enough to
cause the output voltage to drop 2%. For the LP38511-ADJ, the minimum operating voltage of 2.25V is the limiting factor when the
programed output voltage is less than typically 1.80V.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38511-ADJ


Similar Part No. - LP38511-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI-LP38511-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38511-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38511MR-ADJ TI-LP38511MR-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com