Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3892EMR-1.8 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3892EMR-1.8
Description  LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3892EMR-1.8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3892EMR-1.8 Datasheet HTML 6Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 7Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 8Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 9Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 10Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 11Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 12Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 13Page - Texas Instruments LP3892EMR-1.8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
30
80
130
180
0
0.5
1.5
COPPER AREA (sq. in.)
1
LP3892
SNVS236D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
As shown in the graph below, increasing the copper area beyond 1 square inch produces very little improvement.
The minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 22 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 21. Maximum Power Dissipation vs Ambient Temperature for DDPAK/TO-263 Package
HEATSINKING SO PowerPAD PACKAGE
Heatsinking for the SO PowerPAD-8 package is accomplished by allowing heat to flow through the ground slug
on the bottom of the package into the copper on the PC board. The heat slug must be soldered down to a
copper plane to get good heat transfer. It can also be connected through vias to internal copper planes. Since
the heat slug is at ground potential, traces must not be routed under it which are not at ground potential. Under
all possible conditions, the junction temperature must be within the range specified under operating conditions.
Figure 22 shows a curve for the
θJA of the SO PowerPAD package for different copper area sizes using a typical
PCB with one ounce copper in still air.
Figure 22.
θJA vs Copper (1 ounce) Area for SO PowerPAD Package
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3892


Similar Part No. - LP3892EMR-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3892EMR-1.8/NOPB TI1-LP3892EMR-1.8/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3892EMR-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com