Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981AIM5X-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2981AIM5X-5.0
Description  LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981AIM5X-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2981AIM5X-5.0 Datasheet HTML 7Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 8Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 9Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 10Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 11Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 12Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 13Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 14Page - Texas Instruments LP2981AIM5X-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP2981-N
www.ti.com
SNOS773K – MARCH 2000 – REVISED APRIL 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the external capacitors used with the LP2981-N must be carefully selected to
assure regulator loop stability.
Input Capacitor:
An input capacitor whose value is
≥ 1 μF is required with the LP2981-N (amount of capacitance can be increased
without limit).
This capacitor must be located a distance of not more than 0.5
″ from the input pin of the LP2981-N and returned
to a clean analog ground. Any good quality ceramic or tantalum can be used for this capacitor.
Output Capacitor:
The output capacitor must meet both the requirement for minimum amount of capacitance and E.S.R. (equivalent
series resistance) value. Curves are provided which show the allowable ESR range as a function of load current
for various output voltages and capacitor values (refer to Figure 34, Figure 35, Figure 36, and Figure 37).
NOTE
Important: The output capacitor must maintain its ESR in the stable region over the full
operating temperature range to assure stability. Also, capacitor tolerance and variation
with temperature must be considered to assure the minimum amount of capacitance is
provided at all times.
This capacitor should be located not more than 0.5
″ from the output pin of the LP2981-N and returned to a clean
analog ground.
CAPACITOR CHARACTERISTICS
Tantalum:
Tantalum capacitors are the best choice for use with the LP2981-N. Most good quality tantalums can be used
with the LP2981-N, but check the manufacturer's data sheet to be sure the ESR is in range.
It is important to remember that ESR increases at lower temperatures and a capacitor that is near the upper limit
for stability at room temperature can cause instability when it gets cold.
In applications which must operate at very low temperatures, it may be necessary to parallel the output tantalum
capacitor with a ceramic capacitor to prevent the ESR from going up too high (see below for important
information on ceramic capacitors).
Ceramic:
Ceramic capacitors are not recommended for use at the output of the LP2981-N. This is because the ESR of a
ceramic can be low enough to go below the minimum stable value for the LP2981-N. A 2.2
μF ceramic was
measured and found to have an ESR of about 15 m
Ω, which is low enough to cause oscillations.
If a ceramic capacitor is used on the output, a 1
Ω resistor should be placed in series with the capacitor.
Aluminum:
Because of large physical size, aluminum electrolytics are not typically used with the LP2981-N. They must meet
the same ESR requirements over the operating temperature range, more difficult because of their steep increase
at cold temperature.
An aluminum electrolytic can exhibit an ESR increase of as much as 50X when going from 20°C to
−40°C. Also,
some aluminum electrolytics are not operational below
−25°C because the electrolyte can freeze.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2981-N


Similar Part No. - LP2981AIM5X-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981AIM5X-5.0 NSC-LP2981AIM5X-5.0 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI-LP2981AIM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-5.0 TI1-LP2981AIM5X-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
More results

Similar Description - LP2981AIM5X-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981AIM5X-33 TI1-LP2981AIM5X-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com