Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV321M5 Datasheet(PDF) 4 Page - Texas Instruments

Part # LPV321M5
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M5 Datasheet(HTML) 4 Page - Texas Instruments

  LPV321M5 Datasheet HTML 1Page - Texas Instruments LPV321M5 Datasheet HTML 2Page - Texas Instruments LPV321M5 Datasheet HTML 3Page - Texas Instruments LPV321M5 Datasheet HTML 4Page - Texas Instruments LPV321M5 Datasheet HTML 5Page - Texas Instruments LPV321M5 Datasheet HTML 6Page - Texas Instruments LPV321M5 Datasheet HTML 7Page - Texas Instruments LPV321M5 Datasheet HTML 8Page - Texas Instruments LPV321M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
65
dB
VO = 1V, VCM = 1V
VCM
Input Common-Mode Voltage
For CMRR
≥ 50 dB
0
−0.2
V
Range
4.2
4
AV
Large Signal Voltage Gain
RL = 100 kΩ
15
100
V/mV
(3)
10
VO
Output Swing
RL = 100 kΩ to 2.5V
V+
−100
V+
−3.5
V+
−200
mV
90
180
220
IO
Output Short Circuit Current
LPV324, LPV358, and LPV321-N
2
16
Sourcing
VO = 0V
Output Short Circuit Current Sinking
LPV321-N
20
60
mA
VO = 5V
LPV324 and LPV358
11
16
VO = 5V
IS
Supply Current
LPV321-N
9
12
15
LPV358
15
20
µA
Both amplifiers
24
LPV324
28
42
All four amplifiers
46
(3)
RL is connected to V
-. The output voltage is 0.5V ≤ V
O ≤ 4.5V.
5V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Min (1)
Units
SR
Slew Rate
(3)
0.1
V/µs
GBWP
Gain-Bandwidth Product
CL = 22 pF
152
kHz
Φm
Phase Margin
87
Deg
Gm
Gain Margin
19
dB
en
Input-Referred Voltage Noise
f = 1 kHz,
146
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.30
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N


Similar Part No. - LPV321M5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321M5 NSC-LPV321M5 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321M5 TI1-LPV321M5 Datasheet
1Mb / 22P
[Old version datasheet]   Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321M5 TI1-LPV321M5 Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV321M5 TI1-LPV321M5 Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321M5 TI1-LPV321M5 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LPV321M5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV358MMX TI1-LPV358MMX Datasheet
1Mb / 28P
[Old version datasheet]   LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321 TI1-LPV321 Datasheet
1Mb / 22P
[Old version datasheet]   Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Texas Instruments
LMV331-N TI-LMV331-N Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
LMV331-N TI1-LMV331-N Datasheet
1Mb / 33P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com