Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-CV05-A10-12 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-CV05-A10-12
Description  3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-CV05-A10-12 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-CV05-A10-12 Datasheet HTML 1Page - AAEON Technology TF-GENE-CV05-A10-12 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-23
03
Features
Specifications
GENE-CV05
Intel® Atom™ D2550/N2800/N2600 Processor
Intel® NM10
DDR3 800/1066 SODIMM, Max. 4 GB For Intel® Atom™
D2550/N2800 and Max. 2 GB For Intel® Atom™ N2600
Gigabit Ethernet x 2, RJ-45 x 2
CRT, DVI, 18/24-bit Single Channel LVDS LCD +
18/24-bit Dual-Channel LVDS LCD For Intel® Atom™ D2550
CRT, DVI, 18-bit Single Channel LVDS LCD +
18/24-bit Dual-Channel LVDS LCD For Intel® Atom™ N2800/
N2600
2CH HD Audio + 2W Amplifier
SATA 3.0Gb/s x 1, CFast™ x 1
USB2.0 x 6, COM x 6, 8-Bit Digital I/O, Parallel x 1 (Optional)
Onboard 4/5/8-wire Resistive Touch Screen Controller
Mini Card x 1
+12V Only Operation
Onboard Trusted Platform Module (Optional)
mSATA x 1 (Optional, Would Replace Mini Card Interface)
AAEON Hi-Safe SDK/Utility Supported
3.5” SubCompact Board With Intel® Atom™ D2550/N2800/N2600 Processor
Product DVD
GENE-CV05 with Active Cooler (Intel® Atom™ D2550 Version) or with Passive
Heatsink (Intel® Atom™ N2800/N2600 Version)
Packing List
System
Form Factor
3.5"
Processor
Intel® Atom™ D2550/N2800/N2600 Processor
System Memory
204-pin DDR3 SODIMM x 1, Max. 4 GB (DDR3 800/1066) for Intel® Atom™
D2550/N2800
204-pin DDR3 SODIMM x 1, Max. 2 GB (DDR3 800/1066) for Intel® Atom™
N2600
Chipset
Intel® NM10
I/O Chipset
ITE 8783
Ethernet
Realtek RTL8111E, 10/100/1000Base-TX, RJ-45 x 2
BIOS
AMI Plug & Play SPI BIOS - 32MB Flash
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages and temperature monitoring
Expansion Interface
Mini Card x 1, LPC bus
Trusted Platform Module
(TPM)
Infineon SLB 9635 TT 1.2 (Optional)
Battery
Lithium battery
Power Requirement
+12V AT/ATX
Power Consumption
(Typical)
Intel® Atom™ N2800, DDR3 1333 4G
1.00A@+12V
Intel® Atom™ N2600, DDR3 1066 2G
0.87A@+12V
Intel® Atom™ D2550, DDR3 1333 4G
1.24A@+12V
Board Size
5.75"(L) x 4"(W) (146mm x 101.6mm)
Gross Weight
0.88lb (0.4kg)
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C), -40°F ~ 185°F (-40°C ~ 85°C) for WiTAS 2
Storage Temperature
-40
°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
62,000@D2000 series
Display
Supports CRT/LCD, DVI/LCD simultaneous/ dual view displays
Chipset
Intel® Atom™ D2550/ N2800/ N2600 integrated
Memory
Shared system memory up to 256MB
Resolutions
Up to 1920 x 1200 for CRT, DVI
Up to 1366 x 768 for LCD
LCD Interface
Dual LVDS LCDs: 24-bit Single Channel LVDS LCD + 18/24-bit Dual-channel
LVDS LCD for Intel® Atom™ D2550,
18-bit Single Channel LVDS LCD + 18/24-bit Dual-Channel LVDS LCD for Intel®
Atom™ N2800/N2600
DVI
DVI x 1, available with 1 active LVDS interface (either 18-bit or 24-bit)
USB x 2
LAN
COM
VGA
DVI
LVDS LCD
Parallel Port (Optional)
Power Input
DIO
SATA
USB x 4
COM x 5
Audio
Keyboard &
Mouse
I/O
Storage
SATA 3.0Gb/s x 1, CFast™ x 1
Serial Port
RS-232 x 5, RS-232/422/485 (auto flow) x 1
Parallel Port
SPP/EPP/ECP x 1 (optional)
USB
USB2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
Audio
Line-in, Line-out, Mic-in
Touch Screen
Supports 4/5/8-wire resistive touch screen


Similar Part No. - TF-GENE-CV05-A10-12

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-1270-B10 AAEON-TF-GENE-1270-B10 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
TF-GENE-1270-B10 AAEON-TF-GENE-1270-B10 Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
TF-GENE-1270-B10-02 AAEON-TF-GENE-1270-B10-02 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
TF-GENE-1270-B10-02 AAEON-TF-GENE-1270-B10-02 Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
TF-GENE-1350-A10 AAEON-TF-GENE-1350-A10 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
More results

Similar Description - TF-GENE-CV05-A10-12

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
   3.5??SubCompact Board with Intel Atom Z5x0P Processor
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board With Onboard Intel Atom N270 Processor
GENE-LN05 AAEON-GENE-LN05 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel Atom N455/ D525 Processor
logo
List of Unclassifed Man...
EmCORE-i2501-N26 ETC2-EmCORE-i2501-N26 Datasheet
586Kb / 2P
   3.5??Intel짰 Atom??N2600/ D2550 Compact Board
logo
Advantech Co., Ltd.
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
logo
AAEON Technology
GENE-TC05 AAEON-GENE-TC05 Datasheet
341Kb / 2P
   3.5??SubCompact Board with Intel Atom E680/E620/E620T Processor
XTX-CV AAEON-XTX-CV Datasheet
280Kb / 2P
   XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
   PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com