Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1778X2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F1778X2
Description  Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1778X2 Datasheet(HTML) 4 Page - Vishay Siliconix

  F1778X2 Datasheet HTML 1Page - Vishay Siliconix F1778X2 Datasheet HTML 2Page - Vishay Siliconix F1778X2 Datasheet HTML 3Page - Vishay Siliconix F1778X2 Datasheet HTML 4Page - Vishay Siliconix F1778X2 Datasheet HTML 5Page - Vishay Siliconix F1778X2 Datasheet HTML 6Page - Vishay Siliconix F1778X2 Datasheet HTML 7Page - Vishay Siliconix F1778X2 Datasheet HTML 8Page - Vishay Siliconix F1778X2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
F1778X2
www.vishay.com
Vishay Roederstein
Revision: 13-Dec-13
4
Document Number: 27610
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
310
PITCH 10 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.0010
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
210
.
.
D
. . 0
0.0012
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
212
K
.
D
. . 0
0.0015
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
215
.
.
D
. . 0
0.0018
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
218
K
.
D
. . 0
0.0022
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
222
.
.
D
. . 0
0.0027
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
227
K
.
D
. . 0
0.0033
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
233
.
.
D
. . 0
0.0039
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
239
K
.
D
. . 0
0.0047
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
247
.
.
D
. . 0
0.0056
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
256
K
.
D
. . 0
0.0068
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
268
.
.
D
. . 0
0.0082
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
282
K
.
D
. . 0
0.010
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
310
.
.
D
. . 0
0.012
K
4.0 x 10.0 x 12.5
0.6
1500
F1778
312
K
.
D
. . 0
0.015
K/M
4.0 x 10.0 x 12.5
0.6
1500
F1778
315
.
.
D
. . 0
0.018
K
4.0 x 10.0 x 12.5
0.6
1250
F1778
318
K
.
D
. . 0
0.022
K/M
4.0 x 10.0 x 12.5
0.6
1250
F1778
322
.
.
D
. . 0
0.027
K
4.0 x 10.0 x 12.5
0.6
1250
F1778
327
K
.
D
. . 0
0.033
K/M
4.0 x 10.0 x 12.5
0.6
1000
F1778
333
.
.
D
. . 0
0.039
K
4.0 x 10.0 x 12.5
0.6
1000
F1778
339
K
.
D
. . 0
0.047
K
4.0 x 10.0 x 12.5
0.6
750
F1778
347
K
.
D
. . 0
0.047
M
4.0 x 10.0 x 12.5
0.6
1000
F1778
347
M
.
D
. . 0
0.056
K
5.0 x 11.0 x 12.5
0.82
1000
F1778
356
K
.
D
. . 0
0.068
K/M
5.0 x 11.0 x 12.5
0.82
750
F1778
368
.
.
D
. . 0
0.082
K
6.0 x 12.0 x 12.5
1.10
750
F1778
382
K
.
D
. . 0
0.100
K/M
6.0 x 12.0 x 12.5
1.10
750
F1778
410
.
.
D
. . 0
PITCH 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.010
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
310
.
.
F
. . 0
0.012
K
5.0 x 11.0 x 17.5
1.0
750
F1778
312
K
.
F
. . 0
0.015
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
315
.
.
F
. . 0
0.018
K
5.0 x 11.0 x 17.5
1.0
750
F1778
318
K
.
F
. . 0
0.022
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
322
.
.
F
. . 0
0.027
K
5.0 x 11.0 x 17.5
1.0
750
F1778
327
K
.
F
. . 0
0.033
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
333
.
.
F
. . 0
0.039
K
5.0 x 11.0 x 17.5
1.0
750
F1778
339
K
.
F
. . 0
0.047
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
347
.
.
F
. . 0
0.056
K
5.0 x 11.0 x 17.5
1.0
750
F1778
356
K
.
F
. . 0
0.068
K/M
5.0 x 11.0 x 17.5
1.0
750
F1778
368
.
.
F
. . 0
0.082
K
5.0 x 11.0 x 17.5
1.0
750
F1778
382
K
.
F
. . 0
0.10
K
5.0 x 11.0 x 17.5
1.0
600
F1778
410
K
.
F
. . 0
0.10
M
5.0 x 11.0 x 17.5
1.0
750
F1778
410
M
.
F
. . 0
0.12
K
6.0 x 12.0 x 17.5
1.4
600
F1778
412
K
.
F
. . 0
0.15
K
6.0 x 12.0 x 17.5
1.4
450
F1778
415
K
.
F
. . 0
0.15
M
6.0 x 12.0 x 17.5
1.4
600
F1778
415
M
.
F
. . 0
PITCH 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
K
7.0 x 13.5 x 17.5
1.8
450
F1778
418
K
.
F
. . 0
0.22
K/M
7.0 x 13.5 x 17.5
1.8
300
F1778
422
.
.
F
. . 0
0.27
K
8.5 x 15.0 x 17.5
2.4
240
F1778
427
K
.
F
. . 0
0.33
K/M
8.5 x 15.0 x 17.5
2.4
240
F1778
433
.
.
F
. . 0
0.39
K
10.0 x 16.5 x 17.5
3
225
F1778
439
K
.
F
. . 0
0.47
K/M
10.0 x 16.5 x 17.5
3
225
F1778
447
.
.
F
. . 0
0.56
K/M
10.0 x 18.5 x 18.0
4.3
225
F1778
456
.
.
F
. . 0
0.68
M
11.0 x 18.5 x 18.0
5.5
225
F1778
468
M
.
F
. . 0
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP.
μF
POS. 6 TO 8
TOLERANCE
CODE
POS. 9
J = ± 5 %
K = ± 10 %
M = ± 20 %
DIMENSIONS
MAX.
w x h x l
(mm)
MASS
(g) (3)
SPQ (4)
SHORT
LEADS
(PIECES)
ORDERING CODE (2)
TYPE
C-VALUE TOL. VOLTAGE PITCH
LEAD
LENGTH
DESIGN
1 TO 5
6 TO 8
9
10
11
12 TO 14 (1)


Similar Part No. - F1778X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778-275V VISHAY-F1778-275V Datasheet
67Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275V (Code pos. 9 = 2) (MKP)
Revision 08-Oct-03
F1778-305V VISHAY-F1778-305V Datasheet
79Kb / 3P
   AC-Capacitors, Suppression Capacitors
Revision 17-Sep-02
F1778447M3ICT0 VISHAY-F1778447M3ICT0 Datasheet
79Kb / 3P
   AC-Capacitors, Suppression Capacitors
Revision 17-Sep-02
More results

Similar Description - F1778X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723102030 VISHAY-F17723102030 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Revision: 15-Apr-14
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
BFC233860332 VISHAY-BFC233860332 Datasheet
159Kb / 15P
   Interference Suppression Film Capacitor - Class Y2 Radial MKP 300 VAC - Line to Ground Application
Revision: 10-Dec-13
logo
RFE international
MKP RFE-MKP Datasheet
752Kb / 2P
   AC "ACROSS-THE LINE" FILM CAPACITORS MKP: X-2 Class, Standard Size
2015.03.09
logo
Vishay Siliconix
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
logo
RFE international
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
   AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com