Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL11N4LLF5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL11N4LLF5
Description  N-channel 40 V, 9.1 m typ., 15 A STripFETV Power MOSFET in a PowerFLAT 3.3 x 3.3 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL11N4LLF5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL11N4LLF5 Datasheet HTML 1Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 2Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 3Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 4Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 5Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 6Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 7Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 8Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL11N4LLF5
Electrical ratings
Doc ID 024286 Rev 1
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
40
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
The value is rated according Rthj-pcb
Drain current (continuous) at T
pcb
= 25 °C
11
A
I
D
(1)
Drain current (continuous) at T
pcb
=100 °C
6.8
A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
44
A
P
TOT
(3)
3.
The vaule is rated according Rthj-c
Total dissipation at T
C
= 25 °C
50
W
P
TOT
(1)
Total dissipation at T
pcb
= 25 °C
2.9
W
Derating factor
(3)
0.4
W/°C
T
J
T
stg
Operating junction temperature
storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case
2.5
°C/W
R
thj-pcb
(1)
1.
When mounted on FR-4 board of 1inch² , 2oz Cu, t < 10sec
Thermal resistance junction-pcb
42.8
°C/W
R
thj-pcb
(2)
2.
Steady state
Thermal resistance junction-pcb
63.5
°C/W


Similar Part No. - STL11N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
   N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
DS11604 - Rev 3 - April 2018
STL11N65M5 STMICROELECTRONICS-STL11N65M5 Datasheet
1Mb / 14P
   N-channel 650 V, 0.475 ??typ., 8.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??5x5 package
October 2014 Rev 2
STL11N6F7 STMICROELECTRONICS-STL11N6F7 Datasheet
658Kb / 13P
   High avalanche ruggedness
More results

Similar Description - STL11N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
   P-channel 40 V, 0.0175 廓 typ.,8 A, STripFET??F6 Power MOSFET in a PowerFLAT??3.3 x 3.3 package
March 2015 Rev 2
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
   N-channel 30 V, 0.0045 廓, 15 A, PowerFLAT??(3.3 x 3.3) STripFET??V Power MOSFET
STL23NS3LLH7 STMICROELECTRONICS-STL23NS3LLH7 Datasheet
682Kb / 14P
   N-channel 30 V, 0.0027 ??typ., 23 A STripFET??H7 Power MOSFET plus monolithic Schottky in a PowerFLAT??3.3 x 3.3
May 2015 Rev 3
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
   N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
STL12N3LLH5 STMICROELECTRONICS-STL12N3LLH5 Datasheet
453Kb / 11P
   N-channel 30 V, 0.0079 廓, 12 A, PowerFLAT??(3.3 x 3.3) STripFET??V Power MOSFET
June 2011 Rev 1
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
   N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
logo
ON Semiconductor
NVMYS3D5N04C ONSEMI-NVMYS3D5N04C Datasheet
334Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 3.3 m, 102 A
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com