Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP50N06 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP50N06
Description  TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP50N06 Datasheet(HTML) 6 Page - Motorola, Inc

  MTP50N06 Datasheet HTML 1Page - Motorola, Inc MTP50N06 Datasheet HTML 2Page - Motorola, Inc MTP50N06 Datasheet HTML 3Page - Motorola, Inc MTP50N06 Datasheet HTML 4Page - Motorola, Inc MTP50N06 Datasheet HTML 5Page - Motorola, Inc MTP50N06 Datasheet HTML 6Page - Motorola, Inc MTP50N06 Datasheet HTML 7Page - Motorola, Inc MTP50N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP50N06VL
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 13. Thermal Response
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
Figure 14. Diode Reverse Recovery Waveform
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
10
100
1000
1
dc
100
µs
1 ms
10 ms
10
µs
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
50
75
100
125
ID = 42 A
150
0
150
100
50
200
250
300
175


Similar Part No. - MTP50N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP50N06 MOTOROLA-MTP50N06 Datasheet
232Kb / 8P
   TMOS POWER FET 50 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP50N06 MOTOROLA-MTP50N06 Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
logo
Inchange Semiconductor ...
MTP50N06E ISC-MTP50N06E Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP50N06EL MOTOROLA-MTP50N06EL Datasheet
232Kb / 8P
   TMOS POWER FET 50 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
logo
VBsemi Electronics Co.,...
MTP50N06EL VBSEMI-MTP50N06EL Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP50N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP15N06VL MOTOROLA-MTP15N06VL Datasheet
216Kb / 8P
   TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTP36N06V MOTOROLA-MTP36N06V Datasheet
188Kb / 8P
   TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
MTP50N06EL MOTOROLA-MTP50N06EL Datasheet
232Kb / 8P
   TMOS POWER FET 50 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com