Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS31023 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS31023
Description  High Input Voltage Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS31023 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS31023 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS31023 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Triune Systems Proprietary & Confidential Information
DO NOT DUPLICATE
- 1 -
TS31023/223
Version 1.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
High Input Voltage Linear Regulator
DESCRIPTION
FEATURES
TYPICAL APPLICATION
VOUT
FB
EN
VIN
Vref
The TS31x23 high voltage linear regulator
consists of a low power amplifier with a high
voltage p-channel pass gate.
The linear regulator has a wide operating
range, and is ideal for systems that may have
large voltage transients and require the output
load to remain regulated.
An analog current limit is used to limit output
current
and protect
the regulator
from
external short circuits.
APPLICATIONS
 Set-top Boxes
 Automotive
 Industrial
 Medical
 Energy harvesting systems
 Wireless Power
 Wide input supply operating range
 TS31023 : 5V-16V
 TS31223 : 5V-36V
 Adjustable output voltage from 1.25V to VIN -
Vdropout
 60mA output current capability
 Enable control function
SUMMARY SPECIFICATIONS
 Ambient operating temperature 0C to 85C
 Packaged in a 8pin DFN (2x2)


Similar Part No. - TS31023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
More results

Similar Description - TS31023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com