Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS310223 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TS310223
Description  High Input Voltage Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS310223 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TS310223 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS310223 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
- 9 -
TS31023/223
Version 1.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
Triune Systems Proprietary & Confidential Information
DO NOT DUPLICATE
The above drawing is a representation of how the heat can be conducted away from the die using an exposed pad package. Each
application will have different requirements and limitations and therefore the user should use sufficient copper to dissipate the
power in the system. The output current rating for the linear regulators may have to be de-rated for ambient temperatures
above 85C. The de-rate value will depend on calculated worst case power dissipation and the thermal management
implementation in the application.
APPLICATION USING A SINGLE LAYER PCB
Layout recommendations for a Single Layer PCB: utilize as much Copper Area for Power Management. In a single layer board
application the thermal pad is attached to a heat spreader (copper areas) by using low thermal impedance attachment method
(solder paste or thermal conductive epoxy).
In both of the methods mentioned above it is advisable to use as much copper traces as possible to dissipate the heat.
IMPORTANT:
If the attachment method is NOT implemented correctly, the functionality of the product is not guaranteed. Power
dissipation capability will be adversely affected if the device is incorrectly mounted onto the circuit board.
Mold compound
Die
Epoxy Die attach
Exposed pad
Solder
Thermal Vias with Cu plating
Single Layer, 2oz Cu
Ground Layer, 1oz Cu
Signal Layer, 1oz Cu
Bottom Layer, 2oz Cu
20% Cu coverage
90% Cu coverage
5% - 10% Cu coverage
Note: NOT to Scale
Use as much Copper Area
as possible for heat spread
Package Thermal Pad
Package Outline


Similar Part No. - TS310223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS310223 ETC2-TS310223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results

Similar Description - TS310223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com