Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6219DS Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # L6219DS
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

L6219DS Datasheet(HTML) 1 Page - Allegro MicroSystems

  L6219DS Datasheet HTML 1Page - Allegro MicroSystems L6219DS Datasheet HTML 2Page - Allegro MicroSystems L6219DS Datasheet HTML 3Page - Allegro MicroSystems L6219DS Datasheet HTML 4Page - Allegro MicroSystems L6219DS Datasheet HTML 5Page - Allegro MicroSystems L6219DS Datasheet HTML 6Page - Allegro MicroSystems L6219DS Datasheet HTML 7Page - Allegro MicroSystems L6219DS Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
The L6219DS motor driver is designed to drive both windings of a
bipolar stepper motor or bidirectionally control two dc motors. Both
bridges are capable of sustaining 45 V and include internal pulse-width
modulation (PWM) control of the output current to 750 mA. The
outputs have been optimized for a low output saturation voltage drop
(less than 1.8 V total source plus sink at 500 mA).
For PWM current control, the maximum output current is deter-
mined by the user’s selection of a reference voltage and sensing
resistor. Two logic-level inputs select output current limits of 0, 33,
67, or 100% of the maximum level. A PHASE input to each bridge
determines load current direction.
The bridges include both ground clamp and flyback diodes for
protection against inductive transients. Internally generated delays
prevent cross-over currents when switching current direction. Special
power-up sequencing is not required. Thermal protection circuitry
disables the outputs if the chip temperature exceeds safe operating
limits.
The L6219DS is supplied in a 24-lead surface-mountable SOIC. Its
batwing construction provides for maximum package power dissipation
in the smallest possible construction. This device is also available on
special order for operation from -40
°C to +85°C or to +105°C.
FEATURES
I Interchangeable with SGS L6219DS
I 750 mA Continuous Output Current
I 45 V Output Sustaining Voltage
I Internal Clamp Diodes
I Internal PWM Current Control
I Low Output Saturation Voltage
I Internal Thermal Shutdown Circuitry
I Similar to Dual PBL3717, UC3770
L6219DS
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
θ
2
θ
1
VCC
2
VBB
1
GROUND
GROUND
GROUND
GROUND
02
I
12
I
PHASE 2
V REF 2
2
RC
1
RC
V REF 1
PHASE 1
11
I
2B
OUT
SENSE 2
2
COMP IN
2A
OUT
1A
OUT
1
COMP IN
SENSE 1
1B
OUT
01
I
LOAD
SUPPLY
LOGIC
SUPPLY
Dwg. PP-005-3
Always order by complete part number, e.g., L6219DS .
ABSOLUTE MAXIMUM RATINGS
at T
J 150°C
Motor Supply Voltage, V
BB
.................... 45 V
Output Current, I
OUT
(Peak) ........................................ +1.0 A
(Continuous) .......................... +750 mA
Logic Supply Voltage, V
CC
................... 7.0 V
Logic Input Voltage Range,
V
IN
............................... -0.3 V to +7.0 V
Output Emitter Voltage, V
SENSE
............ 1.5 V
Package Power Dissipation,
P
D
........................................................
See Graph
Operating Temperature Range,
T
A
................................. -20
°C to +85°C
Storage Temperature Range,
T
S
............................... -55
°C to +150°C
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified peak current rating or a junction
temperature of +150
°C.


Similar Part No. - L6219DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219DS STMICROELECTRONICS-L6219DS Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
logo
Allegro MicroSystems
L6219DS-T ALLEGRO-L6219DS-T Datasheet
312Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Similar Description - L6219DS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com