Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4B06B-540-125L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4B06B-540-125L
Description  Line Protection Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4B06B-540-125L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4B06B-540-125L Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
4B06B-540-V(BO1)/V(BO2) - Line Protection Module
Matched Pair of Resistors plus Thermal Fuse
with TISP
® Protection
Electrical Characteristics
Resistance Values (R1 = R2) .........................................................10Ω
Resistance Tolerance ..................................................................±5 %
TCR ..................................................................................100 ppm/°C
Ratio Tolerance ...........................................................................±2 %
Temperature Range...................................................-40 ºC to +85 ºC
Physical Characteristics
Body Style ................................................................Open Frame SIP
Substrate Material ........................................................96 % Alumina
Lead Frame Material........................................Copper, solder coated
Flammability .....................................................Conforms to UL94V-0
Functional Characteristics (per Bellcore GR-1089)
First Level Lightning Surge -
Resistors will remain within tolerance after testing.
1000 Volts Peak, 100 Amp Peak Current,
Max. Rise/Min. Decay Time 10x1000 µs,
60 Seconds Between Pulses
Number of Pulses ..............................25 each resistor each polarity
25 simultaneous each polarity
2500 Volts Peak, 500 Amp Peak Current,
Max. Rise/Min. Decay Time 2x10 µs,
60 Seconds Between Pulses
Number of Pulses .............................10 simultaneous each polarity
First Level AC Power Fault -
Resistors will remain within tolerance after testing.
50 Vrms, .33 Amp Short Circuit Current,
Duration...........................................................................15 minutes
100 Vrms, .17 Amp Short Circuit Current,
Duration...........................................................................15 minutes
600 Vrms, 1.0 Amp Short Circuit Current,
Duration ........................................................60 One-second pulses
Second Level Lightning Surge -
Resistor package must fail safely causing no fire,
electrical, or framentation hazard.
5000 Volts Peak, 500 Amp Peak Current,
Max. Rise/Min. Decay Time 2x10 µs,
Number of Pulses ...............................1 simultaneous each polarity
Second Level AC Power Fault -
Resistor package must fail safely causing no fire,
electrical, or framentation hazard.
Features
RoHS compliant* versions available
Matched pair of resistors plus fuse with TISP
® protection
Overvoltage and overcurrent protection to BELLCORE GR-1089
Typical application is secondary protection on telecom line cards
User selection of TISP4xxxH3BJ
33.02
(1.300)
MAX.
20.32
(.800)
APPROXIMATE
TISP® LOCATION
APPROXIMATE
FUSE LOCATIONS
4.57
(.180)
MAX.
MAX.
MAX.
1
2 3
4B06B-540-V
/V
(B01)
(B02)
DCODE
11 12 13
2.54
(.100)
0.36
(.014)
0.97
(.038)
1.91
(.075)
MAX.
1.27
(.050)
3.43 ± .38
(.135 ± .015)
11.43
(.450)
2 PLCS.
4 PLCS.
TISP
TISP
1
2
11
F1
R1
TISP V(B01) TISP V(B02)
R2
3
12
13
F2
How To Order
4B 06 B - 540 - 125 / 219 L
Model
(4B = Open Frame)
Number of Pins
Physical Configuration
Electrical Configuration
Voltage Breakover - V(BO)
• V(BO1)
• V(BO2)
RoHS Compliant Option
Blank = Standard Product
L = RoHS Compliant Product
Product Dimensions
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
4B06B-540-125/219
0205
Asia-Pacific: TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe: TEL +41-41 7685555 • FAX +41-41 7685510
Americas: TEL +1-951 781-5500 • FAX +1-951 781-5700
bourns.com
REV. 06/11
“TISP” is a trademark of Power Innovations, Ltd., a Bourns Company
and Registered in the U.S. Patent and Trademark Office.


Similar Part No. - 4B06B-540-125L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4B06B-500-5R6LF BOURNS-4B06B-500-5R6LF Datasheet
380Kb / 1P
   Surge Line Protection Module
4B06B-504-101LF BOURNS-4B06B-504-101LF Datasheet
816Kb / 1P
   Surge Line Protection Module
4B06B-504-500LF BOURNS-4B06B-504-500LF Datasheet
816Kb / 1P
   Surge Line Protection Module
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
   Surge Line Protection Module
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
816Kb / 1P
   Surge Line Protection Module
More results

Similar Description - 4B06B-540-125L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4B06B-DF1-B01L BOURNS-4B06B-DF1-B01L Datasheet
364Kb / 1P
   Line Protection Module
4B04B-524-RC BOURNS-4B04B-524-RC_11 Datasheet
210Kb / 1P
   Line Protection Module
4B04B-523-RC BOURNS-4B04B-523-RC_11 Datasheet
208Kb / 1P
   Line Protection Module
4B06B-512-RC BOURNS-4B06B-512-RC Datasheet
380Kb / 1P
   Surge Line Protection Module
4A08P-505-RC BOURNS-4A08P-505-RC Datasheet
508Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC Datasheet
632Kb / 1P
   Surge Line Protection Module
4B08B-513-RC BOURNS-4B08B-513-RC Datasheet
309Kb / 1P
   Surge Line Protection Module
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
   Surge Line Protection Module
4A12P-506-500 BOURNS-4A12P-506-500_11 Datasheet
355Kb / 1P
   Surge Line Protection Module
4B06B-DR1-12R5LF BOURNS-4B06B-DR1-12R5LF Datasheet
438Kb / 2P
   Surge Line Protection Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com