Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2357 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2357
Description  0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2357 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2357 Datasheet HTML 1Page - Monolithic Power Systems MP2357 Datasheet HTML 2Page - Monolithic Power Systems MP2357 Datasheet HTML 3Page - Monolithic Power Systems MP2357 Datasheet HTML 4Page - Monolithic Power Systems MP2357 Datasheet HTML 5Page - Monolithic Power Systems MP2357 Datasheet HTML 6Page - Monolithic Power Systems MP2357 Datasheet HTML 7Page - Monolithic Power Systems MP2357 Datasheet HTML 8Page - Monolithic Power Systems MP2357 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2357
– 0.5A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2357 Rev. 1.0
www.MonolithicPower.com
2
6/13/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2357DJ
TSOT23-6
IL2YW
–40
C to +85C
MP2357DT
SOT23-6
IL3YW
* For Tape & Reel, add suffix –Z (eg. MP2357DJ–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2357DJ
–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................................26V
VSW ......................................–0.3V to VIN + 0.3V
VBS ......................................................VSW + 6V
All Other Pins................................
–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
TSOT23-6
………………………..………....0.57W
SOT23-6...
……………………….………....0.57W
Junction Temperature .............................. 150
C
Lead Temperature ................................... 260
C
Storage Temperature..............
–65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 24V
Output Voltage VOUT...................... 0.81V to 15V
Operating Temperature.............
–40
C to +85C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6 ............................. 220 .... 110..
C/W
SOT23-6 ............................... 220 .... 110..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP2357

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
205Kb / 3P
   4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DK MPS-MP2351DK Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DQ MPS-MP2351DQ Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
186Kb / 4P
   4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
More results

Similar Description - MP2357

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2459 MPS-MP2459 Datasheet
886Kb / 13P
   0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
MPQ2456 MPS-MPQ2456 Datasheet
741Kb / 14P
   0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com