Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2362DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2362DF
Description  Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2362DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2362DF Datasheet HTML 1Page - Monolithic Power Systems MP2362DF Datasheet HTML 2Page - Monolithic Power Systems MP2362DF Datasheet HTML 3Page - Monolithic Power Systems MP2362DF Datasheet HTML 4Page - Monolithic Power Systems MP2362DF Datasheet HTML 5Page - Monolithic Power Systems MP2362DF Datasheet HTML 6Page - Monolithic Power Systems MP2362DF Datasheet HTML 7Page - Monolithic Power Systems MP2362DF Datasheet HTML 8Page - Monolithic Power Systems MP2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2362 — DUAL 2A, 23V, 380KHZ STEP-DOWN CONVERTER
MP2362 Rev. 0.93
www.MonolithicPower.com
4
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SYNCA
Synchronization Input for Channel A. It is internally pulled down to ground with a 11kΩ
resistor. Leave it open if unused.
2
NC
No Connect
3
BSA
High-Side Driver Boost Pin. Connect a 10nF capacitor from this pin to SWA.
4
INA
Supply Voltage Channel A. The MP2362 operates from a +4.75V to +23V unregulated input.
Input Ceramic Capacitors should be close to this pin.
5
SWA
Switch Channel A. This connects the inductor to either INA through M1A or to PGA through M2A.
6
PGA
Power Ground Channel A. This is the Power Ground Connection to the input capacitor
ground.
7
SGA
Signal Ground Channel A. This pin is the signal ground reference for the regulated output
voltage. For this reason care must be taken in its layout. This node should be placed outside
of the D1 to C1 ground path to prevent switching current spikes from inducing voltage noise
into the part.
8
FBB
Feedback Voltage for Channel B. This pin is the feedback voltage. The output voltage is ratio scaled
through a voltage divider, and the center point of the divider is connected to this pin. The voltage is
compared to the on board 1.22V reference.
9
COMPB
Compensation Channel B. This is the output of the transconductance error amplifier. A series
RC is placed on this pin for proper control loop compensation. Please refer to more in the
datasheet.
10
ENB
Enable/UVLO Channel B. A voltage greater than 2.62V enables operation. Leave ENB
unconnected for automatic startup. An Under Voltage Lockout (UVLO) function can be
implemented by the addition of a resistor divider from VIN to GND. For complete low current
shutdown the ENB pin voltage needs to be less than 700mV.
11
SYNCB
Synchronization Input for Channel B. It is internally pulled down to ground with a 11kΩ
resistor. Leave it open if unused.
12
BSB
High-Side Driver Boost Pin. Connect a 10nF capacitor from this pin to SWB.
13
NC
No Connect.
14
INB
Supply Voltage Channel B. The MP2362 operates from a +4.75V to +23V unregulated input.
Input Ceramic Capacitors should be close to this pin.
15
SWB
Switch Channel B. This connects the inductor to either INB through M1B or to PGB through M2B.
16
PGB
Power Ground Channel B. This is the Power Ground Connection to the input capacitor
ground.
17
SGB
Signal Ground Channel B. This pin is the signal ground reference for the regulated output
voltage. For this reason care must be taken in its layout. This node should be placed outside
of the D1 to C1 ground path to prevent switching current spikes from inducing voltage noise
into the part.
18
FBA
Feedback Voltage for Channel A. This pin is the feedback voltage. The output voltage is ratio scaled
through a voltage divider, and the center point of the divider is connected to this pin. The voltage is
compared to the on board 1.22V reference.
19
COMPA
Compensation Channel A. This is the output of the transconductance error amplifier. A series
RC is placed on this pin for proper control loop compensation. Please refer to more in the
datasheet.
20
ENA
Enable/UVLO Channel A. A voltage greater than 2.62V enables operation. Leave ENA
unconnected for automatic startup. An Under Voltage Lockout (UVLO) function can be
implemented by the addition of a resistor divider from VIN to GND. For complete low current
shutdown the ENA pin voltage needs to be less than 700mV.


Similar Part No. - MP2362DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP2360DG MPS-MP2360DG Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360DG MPS-MP2360DG Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
   2A, 23V, 1.4MHz Step-Down Converter
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
   2A, 1.4MHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2362DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2362-AEC1 MPS-MPQ2362-AEC1 Datasheet
1Mb / 15P
   Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
   2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
MP8642 MPS-MP8642 Datasheet
342Kb / 12P
   Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
   3A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
   3A, 23V, 380KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com