Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21AT-I-P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC21AT-I-P
Description  1K 2.5V Dual Mode I2C Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21AT-I-P Datasheet(HTML) 4 Page - Microchip Technology

  24LC21AT-I-P Datasheet HTML 1Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 2Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 3Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 4Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 5Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 6Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 7Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 8Page - Microchip Technology 24LC21AT-I-P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
24LC21A
DS21160F-page 4
 2003 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LC21A is designed to comply to the DDC
Standard proposed by VESA (Figure 3-3) with the
exception that it is not Access.bus capable. It operates
in two modes, the Transmit-only mode and the
Bidirectional mode. There is a separate 2-wire protocol
to support each mode, each having a separate clock
input but sharing a common data line (SDA). The
device enters the Transmit-only mode upon power-up.
In this mode, the device transmits data bits on the SDA
pin in response to a clock signal on the VCLK pin. The
device will remain in this mode until a valid high-to-low
transition is placed on the SCL input. When a valid
transition on SCL is recognized, the device will switch
into the Bidirectional mode and look for its control byte
to be sent by the master. If it detects its control byte, it
will stay in the Bidirectional mode. Otherwise, it will
revert to the Transmit-only mode after it sees 128
VCLK pulses.
2.1
Transmit-Only Mode
The device will power-up in the Transmit-only mode at
address 00H. This mode supports a unidirectional
2-wire protocol for continuous transmission of the
contents of the memory array. This device requires that
it be initialized prior to valid data being sent in the
Transmit-only mode (Section 2.2 “Initialization Pro-
cedure”). In this mode, data is transmitted on the SDA
pin in 8-bit bytes, with each byte followed by a ninth,
null bit (Figure 2-1). The clock source for the Transmit-
only mode is provided on the VCLK pin, and a data bit
is output on the rising edge on this pin. The eight bits in
each byte are transmitted Most Significant bit first.
Each byte within the memory array will be output in
sequence. After address 7Fh in the memory array is
transmitted, the internal address pointers will wrap
around to the first memory location (00h) and continue.
The Bidirectional mode Clock (SCL) pin must be held
high for the device to remain in the Transmit-only
mode.
2.2
Initialization Procedure
After VCC has stabilized, the device will be in the
Transmit-only mode. Nine clock cycles on the VCLK pin
must be given to the device for it to perform internal
sychronization. During this period, the SDA pin will be
in a high-impedance state. On the rising edge of the
tenth clock cycle, the device will output the first valid
data bit which will be the Most Significant bit in address
00h. (Figure 2-2).
FIGURE 2-1:
TRANSMIT-ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
SCL
SDA
VCLK
Tvaa
Tvaa
Bit 1 (LSB)
Null Bit
Bit 1 (MSB)
Bit 7
Tvlow
Tvhigh
Tvaa
Tvaa
Bit 8
Bit 7
High-impedance for 9 clock cycles
Tvpu
12
8
9
10
11
SCL
SDA
VCLK
Vcc


Similar Part No. - 24LC21AT-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21AT-I-P MICROCHIP-24LC21AT-I-P Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results

Similar Description - 24LC21AT-I-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com