Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA160 Datasheet(PDF) 11 Page - Microchip Technology

Part # 25AA160
Description  16K SPI Bus Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA160 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25AA160 Datasheet HTML 7Page - Microchip Technology 25AA160 Datasheet HTML 8Page - Microchip Technology 25AA160 Datasheet HTML 9Page - Microchip Technology 25AA160 Datasheet HTML 10Page - Microchip Technology 25AA160 Datasheet HTML 11Page - Microchip Technology 25AA160 Datasheet HTML 12Page - Microchip Technology 25AA160 Datasheet HTML 13Page - Microchip Technology 25AA160 Datasheet HTML 14Page - Microchip Technology 25AA160 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2004 Microchip Technology Inc.
DS21231D-page 11
25AA160/25LC160/25C160
FIGURE 3-7:
WRITE STATUS REGISTER TIMING SEQUENCE
3.7
Data Protection
The following protection has been implemented to
prevent inadvertent writes to the array:
• The write enable latch is reset on power-up
•A WRITE ENABLE instruction must be issued to
set the write enable latch
• After a byte write, page write, or Status register
write, the write enable latch is reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal write cycle
is ignored and programming is continued
3.8
Power On State
The 25XX160 powers on in the following state:
• The device is in low power Standby mode (CS = 1)
• The write enable latch is reset
• SO is in high-impedance state
• A low level on CS is required to enter active state
TABLE 3-3:
WRITE-PROTECT FUNCTIONALITY MATRIX
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
765
4
21
0
instruction
data to Status register
High-impedance
SCK
0
234567
18
3
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
XX
0
Protected
Protected
Protected
0X
1
Protected
Writable
Writable
1
Low
1
Protected
Writable
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - 25AA160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA160 MICROCHIP-25AA160 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA160 MICROCHIP-25AA160 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
25AA160-/P MICROCHIP-25AA160-/P Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA160-/SN MICROCHIP-25AA160-/SN Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
More results

Similar Description - 25AA160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
25LC160A MICROCHIP-25LC160A Datasheet
521Kb / 24P
   16K SPI Bus Serial EEPROM
2003
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com