Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7024 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # SLA7024
Description  HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7024 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button SLA7024 Datasheet HTML 2Page - Allegro MicroSystems SLA7024 Datasheet HTML 3Page - Allegro MicroSystems SLA7024 Datasheet HTML 4Page - Allegro MicroSystems SLA7024 Datasheet HTML 5Page - Allegro MicroSystems SLA7024 Datasheet HTML 6Page - Allegro MicroSystems SLA7024 Datasheet HTML 7Page - Allegro MicroSystems SLA7024 Datasheet HTML 8Page - Allegro MicroSystems SLA7024 Datasheet HTML 9Page - Allegro MicroSystems SLA7024 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SLA7024M, SLA7026M, AND SMA7029M
HIGH-CURRENT PWM,
UNIPOLAR STEPPER MOTOR
CONTROLLER/DRIVERS
FIGURE 2. PWM CONTROL (RUN MODE)
Dwg. EK-009
V
INPUT
PEAK
CURRENT
DETECTOR
CONTROL
LOGIC
S
V
BB
V
CC
CURRENT
CONTROL
&
RECIRCULATING
CURRENT
CONTROL
R 2
R 1
R
AA
B
B
R 5
C 3
R 3
C 1
REF
V
t d
PWM
OFF-TIME
CONTROL
SENSE
b
APPLICATIONS INFORMATION
REGULATING THE PWM OUTPUT CURRENT
The output current (and motor coil current) waveform is illustrated in
Figure 1. Setting the PWM current trip point requires various external
components:
V
b = Reference supply (typically 5 V)
R
1, R2 = Voltage-divider resistors in the reference supply circuit
R
S = Current sensing resistor(s)
NOTE: The maximum allowable V
REF input voltage is 2.0 V.
The voltage-divider must be selected accordingly.
Normal PWM (Full-Current/Running) Mode
I
OUT is set to meet the specified running current for the motor (Figure 2)
and is determined by:
I
OUT
V
REF
(1)
R
S
or, if V
REF
is not known
I
OUT
R
2
V
b
(2)
R
1
+ R
2
R
S
FIGURE 1. PHASE A COIL CURRENT WAVEFORM
Dwg. WK-001
PHASE A
PHASE A
0
I
OUT


Similar Part No. - SLA7024

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7024M SANKEN-SLA7024M Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7024M SANKEN-SLA7024M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Similar Description - SLA7024

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com