Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2483 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2483
Description  2.5A, 55V, Programmable Frequency White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2483 Datasheet HTML 2Page - Monolithic Power Systems MP2483 Datasheet HTML 3Page - Monolithic Power Systems MP2483 Datasheet HTML 4Page - Monolithic Power Systems MP2483 Datasheet HTML 5Page - Monolithic Power Systems MP2483 Datasheet HTML 6Page - Monolithic Power Systems MP2483 Datasheet HTML 7Page - Monolithic Power Systems MP2483 Datasheet HTML 8Page - Monolithic Power Systems MP2483 Datasheet HTML 9Page - Monolithic Power Systems MP2483 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
6
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=20V, ILED=0.7A, two 3W LED in series, step down application, unless otherwise noted.
VIN
10V/div.
VOUT
5V/div.
SW
10V/div.
SW
10V/div.
PWM
5V/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
1A/div.
IWLED
500mA/div.
IWLED
500A/div.
SW
10V/div.
EN
5V/div.
IWLED
500mA/div.
SW
10V/div.
EN
5V/div.
IWLED
500mA/div.
SW
10V/div.
OVP
1V/div.
ISHORT
2A/div.
IINDUCTOR
2A/div.
SW
10V/div.
OVP
500mV/div.
400ns/div.
2ms/div.
40us/div.
4us/div.
20ms/div.
4us/div.
Steady State
PWM Dimming
EN on
EN off
Open LED Protection
Short Circuit Protection
(short LED+ to INGND)


Similar Part No. - MP2483

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24830 MPS-MP24830 Datasheet
653Kb / 15P
   4.5V . 90V, Programmable Frequency White LED Driver
MP24830 MPS-MP24830 Datasheet
352Kb / 7P
   Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
MP24830HL MPS-MP24830HL Datasheet
653Kb / 15P
   4.5V . 90V, Programmable Frequency White LED Driver
MP24830HL MPS-MP24830HL Datasheet
306Kb / 7P
   Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
MP24830HS MPS-MP24830HS Datasheet
653Kb / 15P
   4.5V . 90V, Programmable Frequency White LED Driver
More results

Similar Description - MP2483

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2483DQ-00A MPS-EV2483DQ-00A Datasheet
165Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00B MPS-EV2483DQ-00B Datasheet
160Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00C MPS-EV2483DQ-00C Datasheet
162Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
   55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
MPQ2483A MPS-MPQ2483A Datasheet
592Kb / 16P
   Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Available in AEC-Q100
EVQ2483-Q-00A MPS-EVQ2483-Q-00A Datasheet
417Kb / 5P
   55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
MPQ2483 MPS-MPQ2483 Datasheet
1Mb / 16P
   Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Avaiable in AEC-Q100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com