Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2488 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2488
Description  200kHz, 55V Input, 2A High Power LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2488 Datasheet HTML 3Page - Monolithic Power Systems MP2488 Datasheet HTML 4Page - Monolithic Power Systems MP2488 Datasheet HTML 5Page - Monolithic Power Systems MP2488 Datasheet HTML 6Page - Monolithic Power Systems MP2488 Datasheet HTML 7Page - Monolithic Power Systems MP2488 Datasheet HTML 8Page - Monolithic Power Systems MP2488 Datasheet HTML 9Page - Monolithic Power Systems MP2488 Datasheet HTML 10Page - Monolithic Power Systems MP2488 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
7
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
PWM Control Mode
MP2488 operates in a fixed frequency, peak
current control mode to regulate the LED current.
A PWM cycle is initiated by the internal clock.
The power MOSFET is turned on and remains on
until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off for at least 100ns before the next
cycle starts. In one PWM period, the current in
the power MOSFET does not reach the COMP
set current value, the power MOSFET remains
on, saving a turn-off operation.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal reference (REF) and outputs a
current proportional to the difference between the
two. This output current is then used to charge
the external compensation network to form the
COMP voltage, which is used to control the
power MOSFET current.
During operation, the minimum COMP voltage is
clamped to 0.9V and its maximum is clamped to
2.0V. COMP is internally pulled down to GND in
shutdown mode. COMP should not be pulled up
beyond 2.6V.
Internal Regulator
Most of the internal circuitries are powered from
the 2.6V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN is lower
than 3.0V, the output decreases.
Enable Control
The MP2488 has a dedicated enable control pin
(EN). With high enough input voltage, the chip
can be enabled and disabled by EN which has
positive logic. Its falling threshold is a precision
1.2V, and its rising threshold is 1.5V (300mV
higher).
When floating, EN is pulled up to about 3.0V by
an internal 1µA current source so it is enabled.
To pull it down, 1µA current capability is needed.
When EN is pulled down below 1.2V, the chip is
put into the lowest shutdown current mode.
When EN is higher than zero but lower than its
rising threshold, the chip is still in shutdown
mode but the shutdown current increases
slightly.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The UVLO rising threshold is
about 3.0V while its falling threshold is a
consistent 2.6V.
Internal Soft-Start
The soft-start is implemented to prevent the LED
current from overshooting during startup and
short circuit recovery. When the chip starts, the
internal circuitry generates a soft-start voltage
(SS) ramping up from 0V to 2.6V. When it is
lower than the internal reference (REF), SS
overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF, REF
regains control.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than its upper threshold, it shuts down
the whole chip. When the temperature is lower
than its lower threshold, the chip is enabled
again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a threshold of
150mV. The driver’s UVLO is soft-start related. In
case the bootstrap voltage hits its UVLO, the
soft-start circuit is reset. To prevent noise, there
is 20µs delay before the reset action. When
bootstrap UVLO is gone, the reset is off and then
soft-start process resumes.
The bootstrap capacitor is charged and regulated
to about 4V by the dedicated internal bootstrap
regulator. When the voltage between the BST
and SW nodes is lower than its regulation, a
PMOS pass transistor connected from VIN to
BST is turned on. The charging current path is
from VIN, BST and then to SW. External circuit
should provide enough voltage headroom to
facilitate the charging.


Similar Part No. - MP2488

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2488DN MPS-MP2488DN Datasheet
156Kb / 4P
   High Voltage White LED Driver Evaluation Board
More results

Similar Description - MP2488

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
   55V, 1A High Power LED Driver
logo
Shenzhen Huazhimei Semi...
HM3122 HMSEMI-HM3122 Datasheet
1Mb / 7P
   5A, 55V, 200KHz Switch Buck Converter
logo
Monolithic Power System...
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
   3A, 55V White LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
   3A,55V White LED Driver
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
   55V, 3A, White LED Driver
logo
Shenzhen Huazhimei Semi...
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
   2A, 80V, 200KHz Switch Buck Converter
logo
Diodes Incorporated
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
   AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
   100V Input, 1A, High-Power LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com