Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2489DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2489DQ
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2489DQ Datasheet HTML 1Page - Monolithic Power Systems MP2489DQ Datasheet HTML 2Page - Monolithic Power Systems MP2489DQ Datasheet HTML 3Page - Monolithic Power Systems MP2489DQ Datasheet HTML 4Page - Monolithic Power Systems MP2489DQ Datasheet HTML 5Page - Monolithic Power Systems MP2489DQ Datasheet HTML 6Page - Monolithic Power Systems MP2489DQ Datasheet HTML 7Page - Monolithic Power Systems MP2489DQ Datasheet HTML 8Page - Monolithic Power Systems MP2489DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
3
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
6
60
V
Shutdown Supply Current
ISD
108
µA
Quiescent Supply Current
IQ
No Switching
1
mA
Internal Reference Voltage
IREF
1.275
V
Feedback Reference Voltage
(with respect to VIN)
VIN-VRS VEN/DIM = 1.28V
192
202
212
mV
Feedback
Reference
Voltage
Hysterisis
VFB_HYS
±30
mV
EN/DIM Max Dimming Voltage
VDIM_MAX
2.56
V
EN/DIM Mim Dimming Voltage
VDIM_MIN
0.3
V
EN/DIM Enable High Voltage
VEN_HIGH VEN Rising
0.3
V
EN/DIM Enable Low Volatge
VEN_LOW VEN Falling
0.16
V
EN/DIM Up-pulling Resistor
REN
45
kΩ
Recommended PWM Dimming
Frequency
FPWM
0.1
2
kHz
Switch On Resistance
RDS_ON
0.5
Minimum On Time
TON_MIN
100
ns
Minimum Off Time
TOFF_MIN
100
ns
Recommended
Maximum
Operating Frequency
FMAX
600
kHz
Recommended Duty Cycle Range
at FMAX
D
30
70
%
Start Up Time
TSS
External capacitor on dim
pin is 4.7nF
0.3
ms


Similar Part No. - MP2489DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2489DQ MPS-MP2489DQ Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
More results

Similar Description - MP2489DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
   Step Down White LED Driver with Wide 6V??5V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
   Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
   Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
   Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
logo
Monolithic Power System...
MP24894 MPS-MP24894 Datasheet
242Kb / 12P
   Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
   6V - 36V, Step-Down, White LED Driver
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
logo
Linear Integrated Syste...
DC1205A LINEAR-DC1205A Datasheet
297Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com