Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2490DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2490DQ
Description  1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2490DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2490DQ Datasheet HTML 1Page - Monolithic Power Systems MP2490DQ Datasheet HTML 2Page - Monolithic Power Systems MP2490DQ Datasheet HTML 3Page - Monolithic Power Systems MP2490DQ Datasheet HTML 4Page - Monolithic Power Systems MP2490DQ Datasheet HTML 5Page - Monolithic Power Systems MP2490DQ Datasheet HTML 6Page - Monolithic Power Systems MP2490DQ Datasheet HTML 7Page - Monolithic Power Systems MP2490DQ Datasheet HTML 8Page - Monolithic Power Systems MP2490DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2490 – 1.5A, 36V, 700KHz STEP-DOWN WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2490 Rev. 0.92
www.MonolithicPower.com
3
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 36V
0.785
0.805
0.825
V
Feedback Bias Current
IBIAS(FB)
VFB = 0.8V
10
nA
Switch On Resistance
RDS(ON)
0.25
Switch Leakage
VEN = 0V, VSW = 0V
0.1
10
μA
Current Limit
(5)
2.2
2.6
3
A
Oscillator Frequency
fSW
VFB = 0.6V
560
700
840
KHz
Fold-Back Frequency
VFB = 0V
200
KHz
Boot-Strap Voltage
VBST - VSW
5
V
Minimum On Time
(5)
tON
VFB = 1V
100
ns
Under Voltage Lockout Threshold Rising
3.0
3.3
3.6
V
Under Voltage Lockout Threshold Hysteresis
200
mV
EN Input Low Voltage
(6)
0.4
V
En Input High Voltage
(6)
1.8
V
EN Input Bias Current
(6)
VEN = 0-6V
–10
–2
10
μA
Supply Current (Shutdown)
VEN = 0V
4
10
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
500
800
μA
Thermal Shutdown
(5)
150
°C
Current Sense Voltage
VISP –VISN VISP, VISN 0.4–15V
90
100
110
mV
Input Bias Current (ISN, ISP)
IBIAS (ISN,ISP) VISP, VISN 0.4–15V
–1
0.1
+1
uA
PGOOD Sink Current
Sink Current 5mA
0.3
V
Note:
5) Guaranteed by design
6) Enable function is only available for the MP2490DQ


Similar Part No. - MP2490DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2492DN MPS-MP2492DN Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2492DQ MPS-MP2492DQ Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
   2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2493DN MPS-MP2493DN Datasheet
1Mb / 12P
   2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
More results

Similar Description - MP2490DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2490 MPS-MPQ2490 Datasheet
914Kb / 11P
   Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
   2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
   1.5A, 4MHz, 36V Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
   36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com