Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04021U100BAT4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 04021U100BAT4A
Description  Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04021U100BAT4A Datasheet(HTML) 4 Page - AVX Corporation

  04021U100BAT4A Datasheet HTML 1Page - AVX Corporation 04021U100BAT4A Datasheet HTML 2Page - AVX Corporation 04021U100BAT4A Datasheet HTML 3Page - AVX Corporation 04021U100BAT4A Datasheet HTML 4Page - AVX Corporation 04021U100BAT4A Datasheet HTML 5Page - AVX Corporation 04021U100BAT4A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF/Microwave C0G (NP0)
Capacitors (Sn/Pb)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
GENERAL INFORMATION
“U” Series capacitors are C0G (NP0) chip capacitors specially
designed for “Ultra” low ESR for applications in the commu-
nications market. Max ESR and effective capacitance
are met on each value producing lot to lot uniformity.
Sizes available are EIA chip sizes 0402, 0603, 0805, and
1210.
Size
A
B
C
D
E
0402
0.039±0.004 (1.00±0.1)
0.020±0.004 (0.50±0.1)
0.024 (0.6) max
N/A
N/A
0603
0.060±0.010 (1.52±0.25)
0.030±0.010 (0.76±0.25)
0.036 (0.91) max
0.010±0.005 (0.25±0.13)
0.030 (0.76) min
0805
0.079±0.008 (2.01±0.2)
0.049±0.008 (1.25±0.2)
0.040±0.005 (1.02±0.127)
0.020±0.010 (0.51±0.254)
0.020 (0.51) min
1210
0.126±0.008 (3.2±0.2)
0.098±0.008 (2.49±0.2)
0.050±0.005 (1.27±0.127)
0.025±0.015 (0.635±0.381)
0.040 (1.02) min
Capacitance Values and Tolerances:
Size 0402 - 0.2 pF to 22 pF @ 1 MHz
Size 0603 - 1.0 pF to 100 pF @ 1 MHz
Size 0805 - 1.6 pF to 160 pF @ 1 MHz
Size 1210 - 2.4 pF to 1000 pF @ 1 MHz
Temperature Coefficient of Capacitance (TC):
0±30 ppm/°C (-55° to +125°C)
Insulation Resistance (IR):
1012 Ω min. @ 25°C and rated WVDC
1011 Ω min. @ 125°C and rated WVDC
Working Voltage (WVDC):
Size
Working Voltage
0402
-
50, 25 WVDC
0603
-
200, 100, 50 WVDC
0805
-
200, 100 WVDC
1210
-
200, 100 WVDC
Dielectric Working Voltage (DWV):
250% of rated WVDC
Equivalent Series Resistance Typical (ESR):
0402
-
See Performance Curve, page 12
0603
-
See Performance Curve, page 12
0805
-
See Performance Curve, page 12
1210
-
See Performance Curve, page 12
Marking: Laser marking EIA J marking standard
(except 0603) (capacitance code and
tolerance upon request).
MILITARY SPECIFICATIONS
Meets or exceeds the requirements of MIL-C-55681
A
B
D
D
E
C
A
B
C
A
B
D
D
E
C
A
B
D
D
E
C
LD05
Case Size
LD02 = 0402
LD03 = 0603
LD05 = 0805
LD10 = 1210
1
Voltage Code
3 = 25V
5 = 50V
1 = 100V
2 = 200V
U
Dielectric =
Ultra Low
ESR
100
Capacitance
J
Capacitance
Tolerance
Code
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
A
Failure Rate
Code
A = Not Applica-
ble
B
Termination
B = 5% min lead
2
Packaging
Code
2 = 7" Reel
4 = 13" Reel
9 = Bulk
A
Special Code
A = Standard
HOW TO ORDER
EIA Capacitance Code in pF.
First two digits = significant figures
or “R” for decimal place.
Third digit = number of zeros or after
“R” significant figures.
DIMENSIONS: inches (millimeters)
0402
0603
0805
1210
inches (mm)
ELECTRICAL CHARACTERISTICS
11
Not RoHS Compliant


Similar Part No. - 04021U100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 04021U100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105U102JAT2A AVX-12105U102JAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
MK05V7100JAT2A AVX-MK05V7100JAT2A Datasheet
323Kb / 3P
   Ultra Low ESR, C0G (NP0) Chip Capacitors
04023U3R3BAT2A AVX-04023U3R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R9BAT2A AVX-04023U3R9BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U5R6BAT2A AVX-04023U5R6BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R2BAT2A AVX-04025U1R2BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R2BAT2A AVX-04025U2R2BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U3R0BAT2A AVX-04025U3R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R8BAT4A AVX-04025U1R8BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com