Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04021U100BAT4A Datasheet(PDF) 6 Page - AVX Corporation

Part # 04021U100BAT4A
Description  Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04021U100BAT4A Datasheet(HTML) 6 Page - AVX Corporation

  04021U100BAT4A Datasheet HTML 1Page - AVX Corporation 04021U100BAT4A Datasheet HTML 2Page - AVX Corporation 04021U100BAT4A Datasheet HTML 3Page - AVX Corporation 04021U100BAT4A Datasheet HTML 4Page - AVX Corporation 04021U100BAT4A Datasheet HTML 5Page - AVX Corporation 04021U100BAT4A Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
“U” SERIES KITS
Designer Kits
Communication Kits “U” Series
0402
Kit 4000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
1.0
6.8
1.2
7.5
B (±0.1pF)
1.5
8.2
1.8
10.0
2.0
12.0
2.4
B (±0.1pF)
15.0
2.7
18.0
3.0
22.0
J (±5%)
3.3
27.0
3.9
33.0
4.7
39.0
5.6
47.0
***25 each of 24 values
***25 each of 15 values
Kit 5000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
0.5
4.7
1.0
5.6
B (±0.1pF)
1.5
6.8
1.8
B (±0.1pF)
8.2
2.2
10.0
2.4
12.0
J (±5%)
3.0
15.0
3.6
0805
***25 each of 30 values
Kit 3000 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
1.0
15.0
1.5
18.0
2.2
22.0
2.4
24.0
2.7
27.0
3.0
33.0
3.3
B (±0.1pF)
36.0
3.9
39.0
J (±5%)
4.7
47.0
5.6
56.0
7.5
68.0
8.2
82.0
9.1
100.0
10.0
J (±5%)
130.0
12.0
160.0
1210
***25 each of 30 values
Kit 3500 UZ
Cap.
Cap.
Value Tolerance Value
Tolerance
pF
pF
2.2
36.0
2.7
39.0
4.7
47.0
5.1
B (±0.1pF)
51.0
6.8
56.0
8.2
68.0
9.1
82.0
10.0
100.0
J (±5%)
13.0
120.0
15.0
130.0
18.0
J (±5%)
240.0
20.0
300.0
24.0
390.0
27.0
470.0
30.0
680.0
13
0603


Similar Part No. - 04021U100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04021U100BAT4A AVX-04021U100BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 04021U100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105U102JAT2A AVX-12105U102JAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
MK05V7100JAT2A AVX-MK05V7100JAT2A Datasheet
323Kb / 3P
   Ultra Low ESR, C0G (NP0) Chip Capacitors
04023U3R3BAT2A AVX-04023U3R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R9BAT2A AVX-04023U3R9BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U5R6BAT2A AVX-04023U5R6BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R2BAT2A AVX-04025U1R2BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R2BAT2A AVX-04025U2R2BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U3R0BAT2A AVX-04025U3R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R8BAT4A AVX-04025U1R8BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com