Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2495DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2495DS
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2495DS Datasheet HTML 5Page - Monolithic Power Systems MP2495DS Datasheet HTML 6Page - Monolithic Power Systems MP2495DS Datasheet HTML 7Page - Monolithic Power Systems MP2495DS Datasheet HTML 8Page - Monolithic Power Systems MP2495DS Datasheet HTML 9Page - Monolithic Power Systems MP2495DS Datasheet HTML 10Page - Monolithic Power Systems MP2495DS Datasheet HTML 11Page - Monolithic Power Systems MP2495DS Datasheet HTML 12Page - Monolithic Power Systems MP2495DS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
10
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VIN
OUT
EN
FB
SS
GND
SW
ISP
ISN
100mV
BST
REGULATOR
OVP
OSCILLATOR
700KHz
DRIVER
CURRENT SENSE
AMPLIFIER
ERROR
AMPLIFIER
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
D
RSEN
63m
M1
REGULATOR
REFERENCE
--
+
--
+
--
+
S
R
R
Q
VDD
CTR
1pF
20pF
R1
SS
Figure 1—Functional Block Diagram


Similar Part No. - MP2495DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490CP MPS-MP2490CP Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DQ MPS-MP2490DQ Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DS MPS-MP2490DS Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
More results

Similar Description - MP2495DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2498 MPS-MP2498 Datasheet
492Kb / 16P
   Integrated 100V Load Dump Protection, 2A Step-Down Regulator
MP2499 MPS-MP2499 Datasheet
1,002Kb / 12P
   Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
   18V 2A Step-Down Switching Regulator 2A Output Current
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
   Step-Down Switching Regulator with Current-Mode Control
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
logo
Shenzhen Huazhimei Semi...
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
   Input 20-100V output 2A asynchronous step-down controller
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com