Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2499DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2499DS
Description  Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2499DS Datasheet HTML 1Page - Monolithic Power Systems MP2499DS Datasheet HTML 2Page - Monolithic Power Systems MP2499DS Datasheet HTML 3Page - Monolithic Power Systems MP2499DS Datasheet HTML 4Page - Monolithic Power Systems MP2499DS Datasheet HTML 5Page - Monolithic Power Systems MP2499DS Datasheet HTML 6Page - Monolithic Power Systems MP2499DS Datasheet HTML 7Page - Monolithic Power Systems MP2499DS Datasheet HTML 8Page - Monolithic Power Systems MP2499DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2499– INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP DOWN REGULATOR
MP2499 Rev. 0.91
www.MonolithicPower.com
4
11/24/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency-fold-back comparator lowers the oscillator frequency when the FB voltage
is below 250mV.
2
SS
Connect to an external capacitor used for Soft-Start and compensation for current
limiting loop.
3
ISP
Positive Current Sense
4
ISN
Negative Current Sense Input for load current limiting.
5
CTR
Control pin. Tie a zener diode from CTR to ground. The zener voltage should equal to
normal output voltage.
6
N/C
No connection
7
IN
Input. Connect input power supply, which may have surge voltage to IN pin.
8
IN
Input. Connect input power supply, which may have surge voltage to IN pin.
9
OUT
Output Pin. Connect to VDD pin.
10
OUT
Output Pin. Connect to VDD pin.
11
N/C
No connection
12
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver. An on-chip regulator is used to charge up the external bootstrap
capacitor. If the on-chip regulator is not strong enough, an optional diode can be
connected from IN or OUT to charge the external bootstrap capacitor.
13
SW
Switch Output. It is the source of power device.
14
VDD
Supply Voltage Bypass pin. This pin is also the output of the OV protection switch. The
MP2499 operates from a +5V to +36V unregulated input. CIN is needed to prevent large
voltage spikes from appearing at the input. Put CIN as close to the IC as possible. It is
the drain of the internal power device and power supply for the whole chip.
15
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this
reason care must be taken in its layout. This node should be placed outside of the D1 to
CIN ground path to prevent switching current spikes from inducing voltage noise into the
part.
16
EN
On/Off Control Input.


Similar Part No. - MP2499DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
   36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
MP2499MGQB MPS-MP2499MGQB Datasheet
1Mb / 18P
   36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
MP2499MGQB MPS-MP2499MGQB Datasheet
949Kb / 7P
   High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results

Similar Description - MP2499DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2495 MPS-MP2495 Datasheet
489Kb / 13P
   Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
MP2498 MPS-MP2498 Datasheet
492Kb / 16P
   Integrated 100V Load Dump Protection, 2A Step-Down Regulator
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
   18V 2A Step-Down Switching Regulator 2A Output Current
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
   Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
logo
Monolithic Power System...
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
   2A, 55V, 100kHz Step-Down Converter
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
   2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com