Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP112-240 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP112-240
Description  Micropower Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP112-240 Datasheet(HTML) 3 Page - Microchip Technology

  MCP112-240 Datasheet HTML 1Page - Microchip Technology MCP112-240 Datasheet HTML 2Page - Microchip Technology MCP112-240 Datasheet HTML 3Page - Microchip Technology MCP112-240 Datasheet HTML 4Page - Microchip Technology MCP112-240 Datasheet HTML 5Page - Microchip Technology MCP112-240 Datasheet HTML 6Page - Microchip Technology MCP112-240 Datasheet HTML 7Page - Microchip Technology MCP112-240 Datasheet HTML 8Page - Microchip Technology MCP112-240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 3
MCP111/112
Threshold Hysteresis
(min. = 1%, max = 6%)
MCP1XX-195
VHYS
0.019
0.114
V
TA = +25°C
MCP1XX-240
0.023
0.139
V
MCP1XX-270
0.026
0.158
V
MCP1XX-290
0.029
0.174
V
MCP1XX-300
0.029
0.176
V
MCP1XX-315
0.031
0.185
V
MCP1XX-450
0.044
0.263
V
MCP1XX-475
0.046
0.278
V
VOUT Low-level Output Voltage
VOL
——
0.4
V
IOL = 500 µA, VDD = VTRIP(MIN)
VOUT High-level Output Voltage
VOH
VDD – 0.6
V
IOH = 1 mA, For only MCP112
(push-pull output)
Open-drain High Voltage on Output
VODH
13.5 (3)
V
MCP111 only,
VDD = 3.0V, Time voltage >
5.5V applied
≤ 100s,
current into pin limited to
2 mA, +25°C operation
recommended
Note 3, Note 4
Open-drain Output Leakage Current
(MCP111 only)
IOD
—0.1
µA
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111),
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
This specification allows this device to be used in PICmicro® microcontroller applications that require the In-Circuit
Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage requirements).
This specification DOES NOT allow a continuous high voltage to be present on the open-drain output pin (VOUT). The
total time that the VOUT pin can be above the maximum device operational voltage (5.5V) is 100 sec. Current into the
VOUT pin should be limited to 2 mA. It is recommended that the device operational temperature be maintained between
0°C to 70°C (+25°C preferred). For additional information, please refer to Figure 2-28.
4:
This parameter is established by characterization and is not 100% tested.


Similar Part No. - MCP112-240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP112-240 MICROCHIP-MCP112-240 Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP112-240 MICROCHIP-MCP112-240 Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP112-240E/LB MICROCHIP-MCP112-240E/LB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP112-240E/MB MICROCHIP-MCP112-240E/MB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP112-240E/TO MICROCHIP-MCP112-240E/TO Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
More results

Similar Description - MCP112-240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-475E MICROCHIP-MCP111T-475E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111T-300E MICROCHIP-MCP111T-300E Datasheet
383Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_16 Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP111T-315E MICROCHIP-MCP111T-315E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_13 Datasheet
400Kb / 26P
   Micropower Voltage Detector
2004-2013
MCP111 MICROCHIP-MCP111 Datasheet
332Kb / 22P
   Micropower Voltage Detector
2004
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com