Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2604DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2604DQ
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2604DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2604DQ Datasheet HTML 1Page - Monolithic Power Systems MP2604DQ Datasheet HTML 2Page - Monolithic Power Systems MP2604DQ Datasheet HTML 3Page - Monolithic Power Systems MP2604DQ Datasheet HTML 4Page - Monolithic Power Systems MP2604DQ Datasheet HTML 5Page - Monolithic Power Systems MP2604DQ Datasheet HTML 6Page - Monolithic Power Systems MP2604DQ Datasheet HTML 7Page - Monolithic Power Systems MP2604DQ Datasheet HTML 8Page - Monolithic Power Systems MP2604DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2604 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2604 Rev. 1.2
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, CIN = 10µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.
400
350
300
250
200
150
100
50
0
4.5
4.8
5.1
5.4
5.8
6.0
INPUT VOLTAGE (V)
RNTC vs
Input Voltage
THIGH
VIN=0V
TLOW
0.6
0.5
0.4
0.3
0.2
0.1
0
2.5
2.9
3.3
3.7
4.1
4.5
BATTERY VOLTAGE (V)
740
720
700
680
660
640
620
600
-50
-25
0
+25
+50
+75
-50
-25
0
+25
+50
+75
TEMPERATURE (
°C)
4.30
4.26
4.22
4.18
4.14
4.10
TEMPERATURE (
°C)
Reverse Current vs
Battery Voltage
Charge Current vs
Temperature
VBATT = 3.8V
Battery Voltage vs
Temperature
ICHG = 15mA


Similar Part No. - MP2604DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP2604DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com