Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2604DQ Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2604DQ
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2604DQ Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2604DQ Datasheet HTML 2Page - Monolithic Power Systems MP2604DQ Datasheet HTML 3Page - Monolithic Power Systems MP2604DQ Datasheet HTML 4Page - Monolithic Power Systems MP2604DQ Datasheet HTML 5Page - Monolithic Power Systems MP2604DQ Datasheet HTML 6Page - Monolithic Power Systems MP2604DQ Datasheet HTML 7Page - Monolithic Power Systems MP2604DQ Datasheet HTML 8Page - Monolithic Power Systems MP2604DQ Datasheet HTML 9Page - Monolithic Power Systems MP2604DQ Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2604 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2604 Rev. 1.2
www.MonolithicPower.com
7
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
2.6V
4.2V
VBATT
10% of ICHG
IBF
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBATT
Figure 2—MP2604 Typical Charging Profile
Charge
Start
Charge
End
Soft-Start
Time
CC
Mode
CV
Mode
10% of ICHG (IBF)
90% of ICHG
ICHG
4.2V
VBATT
VBATT
IBATT
IBATT
CHG
Figure 3—MP2604 Typical Charging
Procedure
Battery Over-Voltage Protection and
Automatic Recharge
At any time when VBATT is 50mV higher than the
trimmed charge target, the MP2604 reduces its
charge current to 0µA. This ensures the safety
of the battery. Also, the CV control loop always
monitors the battery voltage such that it will
automatically recharge the battery when it is
depleted below the target level.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connecting from the ISET pin to GND.
The relationship of the charge current and the
programming resistance is established by the
following table and graph.
Table 1—RPGM and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
1.65
1000
1.82
900
2.05
800
2.32
700
2.74
600
3.3
500
4.12
400
5.6
300
8.45
200
15
100
Charge Current vs
1/RPGM Resistance
1000
900
800
700
600
500
400
300
200
0
0.2
0.1
0.3 0.4
0.6 0.7
0.5
Figure 4—Charge Current vs 1/RPGM
Resistance
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
battery full charge current threshold (IBF) is
programmed by connecting a resistor RBF from
the IBF pin to GND:
BF
BF
R
k
7
.
1
A
1
I
×
=
Where 2RCHG<RBF<10RCHG. The open-drain pin
CHG
is used to indicate charging status. When
the battery full condition is reached or any other
condition prevents the charger from charging,
CHG
will become a floating pin.


Similar Part No. - MP2604DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP2604DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com