Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2633
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2633 Datasheet HTML 5Page - Monolithic Power Systems MP2633 Datasheet HTML 6Page - Monolithic Power Systems MP2633 Datasheet HTML 7Page - Monolithic Power Systems MP2633 Datasheet HTML 8Page - Monolithic Power Systems MP2633 Datasheet HTML 9Page - Monolithic Power Systems MP2633 Datasheet HTML 10Page - Monolithic Power Systems MP2633 Datasheet HTML 11Page - Monolithic Power Systems MP2633 Datasheet HTML 12Page - Monolithic Power Systems MP2633 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
9
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, CIN=CBATT=CSYS=C3=22µF, C1=C2=1µF, L1=2.2µH, RS1=50m, C4=CTMR=0.1µF, Battery
Simulator, unless otherwise noted.
VBATT
2V/div.
VIN
2V/div.
VSYS
2V/div.
IL
500mA/div.
VBATT
2V/div.
VSYS
2V/div.
VIN
2V/div.
IL
500mA/div.
VBATT
2V/div.
EN
5V/div.
VSYS
2V/div.
IL
1A/div.
VBATT
2V/div.
VEN
5V/div.
VSYS
2V/div.
IL
1A/div.
ICHG
1A/div.
IIN
1A/div.
VSYS
2V/div.
ISYS
1A/div.
VBATT
1V/div.
VIN
1V/div.
VSYS
1V/div.
ISYS
2A/div.
VBATT
1V/div.
VIN
1V/div.
VIN
2V/div.
VSYS
1V/div.
ISYS
2A/div.
VBATT
1V/div.
VSYS
2V/div.
Power On, Charge Mode
VBATT_FULL=4.2V, VBATT=3.7V,
ICHG=1.5A
En Off, Charge Mode
VBATT_FULL=4.2V, VBATT=3.7V,
ICHG=1.5A
System Short Protection
VBATT_FULL=4.2V, VBATT=2V,
FSW=600kHz
System Short Protection
Zoom In
VBATT_FULL=4.2V, VBATT=2V,
FSW=600kHz
Input Current Limit
VBATT_FULL=4.2V, VBATT=3.7V,
ICHG=1.5A
Power Off, Charge Mode
VBATT_FULL=4.2V, VBATT=3.7V,
ICHG=1.5A
En On, Charge Mode
VBATT_FULL=4.2V, VBATT=3.7V,
ICHG=1.5A
IBATT
500mA/div.
VIN
1V/div.
VBATT
2V/div.
ISYS
500mA/div.
Input Voltage Clamp @ 4.75V
Charge Mode
VIN_regulation=4.75V, VBATT_FULL=4.2V,
VBATT=3.7V, ICHG=1.5A, Increase Isys
4.75V


Similar Part No. - MP2633

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633AGR MPS-MP2633AGR Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results

Similar Description - MP2633

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2636 MPS-MP2636 Datasheet
2Mb / 40P
   3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
MP2637 MPS-MP2637 Datasheet
1Mb / 36P
   2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Texas Instruments
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com