Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61L1024JL-18LLIT Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY61L1024JL-18LLIT
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L1024JL-18LLIT Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY61L1024JL-18LLIT Datasheet HTML 5Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 6Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 7Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 8Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 9Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 10Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 11Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 12Page - Lyontek Inc. LY61L1024JL-18LLIT Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LY61L1024
Rev. 2.7
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
WRITE CYCLE 1
(WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
CE#
tAW
Address
tWC
CE2
WRITE CYCLE 2
(CE# and CE2 Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
CE#
tWR
tAS
tAW
Address
tWC
CE2
Notes :
1.WE#, CE# must be high or CE2 must be low during all address transitions.
2.A write occurs during the overlap of a low CE#, high CE2, low WE#.
3.During a WE#controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#low transition and CE2 high transition occurs simultaneously with or after WE# low transition, the outputs remain in a high
impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LY61L1024JL-18LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1024JL LYONTEK-LY61L1024JL Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L1024JL-18LLIT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com