Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT574 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT574
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT574 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT574 Datasheet HTML 1Page - NXP Semiconductors 74AHCT574 Datasheet HTML 2Page - NXP Semiconductors 74AHCT574 Datasheet HTML 3Page - NXP Semiconductors 74AHCT574 Datasheet HTML 4Page - NXP Semiconductors 74AHCT574 Datasheet HTML 5Page - NXP Semiconductors 74AHCT574 Datasheet HTML 6Page - NXP Semiconductors 74AHCT574 Datasheet HTML 7Page - NXP Semiconductors 74AHCT574 Datasheet HTML 8Page - NXP Semiconductors 74AHCT574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74AHC_AHCT574_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 January 2008
2 of 18
NXP Semiconductors
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC574D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74AHCT574D
74AHC574PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74AHCT574PW
74AHC574BQ
−40 °C to +125 °C
DHVQFN20
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
74AHCT574BQ
Fig 1.
Functional diagram
mna800
3-STATE
OUTPUTS
FF1
to
FF8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 12
13
14
15
16
17
18
19
D0
D1
D2
D3
D4
D5
D6
D7
CP
OE
9
11
1
8
7
6
5
4
3
2
Fig 2.
Logic diagram
001aah077
D0
CP
OE
Q0
D
CP
Q
FF1
D1
Q1
D
CP
Q
FF2
D2
Q2
D
CP
Q
FF3
D3
Q3
D
CP
Q
FF4
D4
Q4
D
CP
Q
FF5
D5
Q5
D
CP
Q
FF6
D6
Q6
D
CP
Q
FF7
D7
Q7
D
CP
Q
FF8


Similar Part No. - 74AHCT574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT574 PHILIPS-74AHCT574 Datasheet
91Kb / 20P
   Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Jun 16
74AHCT574 NXP-74AHCT574 Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
NXP Semiconductors
74AHCT574BQ NXP-74AHCT574BQ Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHCT574BQ NEXPERIA-74AHCT574BQ Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

Similar Description - 74AHCT574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com