Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT595D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT595D
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT595D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT595D Datasheet HTML 4Page - NXP Semiconductors 74HCT595D Datasheet HTML 5Page - NXP Semiconductors 74HCT595D Datasheet HTML 6Page - NXP Semiconductors 74HCT595D Datasheet HTML 7Page - NXP Semiconductors 74HCT595D Datasheet HTML 8Page - NXP Semiconductors 74HCT595D Datasheet HTML 9Page - NXP Semiconductors 74HCT595D Datasheet HTML 10Page - NXP Semiconductors 74HCT595D Datasheet HTML 11Page - NXP Semiconductors 74HCT595D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
8 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
VOL
LOW-level
output voltage
VI =VIH or VIL
all outputs
IO =20 A; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO =20 A; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO =20 A; VCC = 6.0 V
-
0
0.1
-
0.1
V
Q7S output
IO =4mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO =5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
Qn bus driver outputs
IO =6mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO =7.8 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC =6.0 V
-
-
1.0
-
1.0
A
IOZ
OFF-state
output current
VI =VIH or VIL; VCC =6.0 V;
VO =VCC or GND
--
5.0
-
10
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =6.0 V
-
-
80
-
160
A
CI
input
capacitance
-3.5
-
-
-
pF
74HCT595
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC =4.5 V
all outputs
IO = 20 A
4.4
4.5
-
4.4
-
V
Q7S output
IO = 4 mA
3.84
4.32
-
3.7
-
V
Qn bus driver outputs
IO = 6 mA
3.7
4.32
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC =4.5 V
all outputs
IO =20 A
-
0
0.1
-
0.1
V
Q7S output
IO = 4.0 mA
-
0.15
0.33
-
0.4
V
Qn bus driver outputs
IO = 6.0 mA
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
-
1.0
A
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max


Similar Part No. - 74HCT595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT595D PHILIPS-74HCT595D Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HCT595D NXP-74HCT595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HCT595D NXP-74HCT595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595D NEXPERIA-74HCT595D Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HCT595D-Q100 NXP-74HCT595D-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
More results

Similar Description - 74HCT595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com