Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3314S-4 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3314S-4
Description  3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314S-4 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3314S-4 Datasheet HTML 1Page - Bourns Electronic Solutions 3314S-4 Datasheet HTML 2Page - Bourns Electronic Solutions 3314S-4 Datasheet HTML 3Page - Bourns Electronic Solutions 3314S-4 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3314 - 4 mm Square Trimpot® Trimming Potentiometer
Product Dimensions
Packaging Specifications
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.54
(0.10)
1.27
(0.50)
1.19
(0.047)
1.29
(0.051)
0.61
(.024)
3.18
(.125)
5.01
(.197)
3.32
(0.131)
0.96
(.038)
5.56
(0.219)
2.54
(0.10)
1.3
(0.051)
3.48
(.137)
2.01
(.079)
2.01
(.079)
2.01
(.079)
RECOMMENDED PCB LAYOUT
0.26
(.010)
0.21
(.008)
5.76
(0.227)
3.08
(0.121)
3314Z-1-(RC) E
(Cross Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-4-(RC) E
(Reverse Marking, Cross Slot)
1
2
3
3314Z-GA4-(RC) E
(Straight Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-3
(Reverse Marking, Straight Slot)
3314Z
Common Dimensions
16.00
(.630)
1.50 + 0.10/-0.0
(0.59 +.004/-.0)
DIA.
MIN.
DIA.
1.50
(.059)
12.00
(.472)
7.5
(.295)
TAPE
1.75
(.069)
2.00 ± 0.10
(.079 ± .004)
5.50 ± 0.10
(.217 ± .004)
5.50 ± 0.10
(.217 ± .004)
4.00 ± 0.10
(.157 ± .004)
5 ° MAX.
MAX.
0.40
(.016)
(Z Style)
177.8 ± 2.03
(7.00 ± .080)
13.0 ± 0.51
(.512 ± .020)
DIA.
1.50
(.059)
20.2
(.795)
22.4
(.882)
50.00
(1.969)
16.4 + 2.0/ -.000
(.646 + .079/ - .000)
(MEASURED AT HUB)
REEL
* Embossed Tape Designator "E"
** Embossed Tape Designator "G"
(See How To Order chart for further information.)
Meets EIA specification 481.
DIA.*
MIN. DIA.
MIN.
MAX.
(MEASURED
AT
HUB)
330.2 ± 2.0
(13.00 ± .079)
DIA.**
5.59 ± 0.10
(.220 ± .004)
EQUAL SPACED 3 PLCS.
MIN.
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
REV. 10/13


Similar Part No. - 3314S-4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3314 BOURNS-3314 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
logo
ebm-papst
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
logo
3M Electronics
3314 3M-3314 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
More results

Similar Description - 3314S-4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-101E BOURNS-3314J-1-101E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-103E BOURNS-3314J-1-103E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314G-1-503E BOURNS-3314G-1-503E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-204E BOURNS-3314J-1-204E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314 BOURNS-3314_1 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-104E BOURNS-3314J-1-104E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314G-1-203E BOURNS-3314G-1-203E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com